Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VG37648041AT Datasheet(PDF) 82 Page - Vanguard International Semiconductor

Part # VG37648041AT
Description  256M:x4, x8, x16 CMOS Synchronous Dynamic RAM
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG37648041AT Datasheet(HTML) 82 Page - Vanguard International Semiconductor

Back Button VG37648041AT Datasheet HTML 78Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 79Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 80Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 81Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 82Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 83Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 84Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 85Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 86Page - Vanguard International Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 82 / 86 page
background image
Document : 1G5-0157
Rev.1
Page 82
VIS
Preliminary
VG37648041AT
256M:x4, x8, x16
CMOS Synchronous Dynamic RAM
tIS
DO n=Data Out from column n
Burst Length=4 in the case shown
3 subsequent elements of Data Out are provided in the programmed order following DO n
DIS AP=Disable Autoprecharge
*=”Don’t Care”, if A10 is HIGH at this point
PRE=PRECHARGE, ACT=ACTIVE, RA=Row Address, BA=Bank Address
NOP commands are shown for ease of illustration; other commands may be valid at these times
tIH
tIS tIH
tCK
tCH tCL
NOP
ACT
NOP
READ
NOP
PRE
NOP
NOP
ACT
NOP
DON’T CARE
UNDEFINED
CLK#
CLK
CKE
COMMAND
A10
DQS
x4:A0,A9,A11
DQ
DM
BANK READ ACCESS
VALID
tIS tIH
RA
x8:A0,A9
x16:A0,A8
x4:A12
x8:A9,A12
x16:A8,A9,A12
BA0,BA1
tIS tIH
Bank x
Bank x
*Bank x
CL=2
tRP
tRPR
tLZ
min
tLZ
max
tRPO
tAC
max
tHZ
max
DO
min
tHZ
min
RA
Col n
RA
RA
RA
RA
ALL BANKS
ONE BANK
DIS AP
tIS tIH
Bank x
tRC
tRAS
tRCD
N
tAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com