Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX1692IPW Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX1692IPW
Description  TM Full Bridge Resonant CCFL Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1692IPW Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button LX1692IPW Datasheet HTML 3Page - Microsemi Corporation LX1692IPW Datasheet HTML 4Page - Microsemi Corporation LX1692IPW Datasheet HTML 5Page - Microsemi Corporation LX1692IPW Datasheet HTML 6Page - Microsemi Corporation LX1692IPW Datasheet HTML 7Page - Microsemi Corporation LX1692IPW Datasheet HTML 8Page - Microsemi Corporation LX1692IPW Datasheet HTML 9Page - Microsemi Corporation LX1692IPW Datasheet HTML 10Page - Microsemi Corporation LX1692IPW Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LX1692
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Copyright
© 2004
Rev. 1.2, 12/20/2006
Full Bridge Resonant CCFL Controller
TM
®
ELEC TR ICAL CHA RACTER ISTIC S (C ONTINU E D)
Unless otherwise specified, the following specifications apply over the operating ambient temperature -20
°C
≤ T
A ≤ 70°C except where
otherwise noted and the following test conditions:.
LX1692
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
PWM BLOCK
ISNS Input Voltage Range
VR_ISNS
Maximum recommended for linear operation of
error amplifier
-4
+4
Vpk
OC_SNS Input Voltage Range
VR_OC
-4
+4.0
Vpk
OV_SNS Input Voltage Range
VR_OV
-4
+4.0
Vpk
VIN_SNS Input Voltage Range
VR_VINS
-0.3
VDDP
Vpk
ICOMP Error Amp
Transconductance
GM_EAMP
ISNS =1.5V
100
220
410
µmho
ICOMP Output Source Current
IS_EAMP
ΔV_EAIN = 1.0V
100
µA
ICOMP Output Sink Current
ISK_EAMP
ΔV_EAIN = 1.0V
100
µA
ICOMP Output Voltage Range
VR_EAMP
0
VDDA
V
ISNS-BRITE_A Input Offset Voltage
VOS_EAMP
ISNS=1.5V, Ta=25
°C
-100
0
100
mV
ICOMP Discharge Current
ID_ICOMP
10
mA
ICOMP to A/B Output Propagation
Delay
TD_COMP
1100
ns
VCOMP High voltage
VHI_VCOMP
VOVSNS = 0V, See Note 1
VDDA
V
VCOMP Sink Current
ILO_VCOMP
VVCOMP = 2V
1.5
mA
OUTPUT BUFFER BLOCK
Output Resistance
RON_SRC
VDDP = 5V
30
Ω
Output Resistance
RON_SINK
VDDP = 5V
30
Ω
Pull Up Resistance
RUP
Cout, Dout
20
K
Ω
Pull Down Resistance
RDN
Aout, Bout
20
K
Ω
Output voltage High
VOH
CAOUT = CBOUT= CCOUT = CDOUT=2000pF
VDDP-0.4
VDDP
V
Output voltage low
VOL
CAOUT = CBOUT= CCOUT = CDOUT=2000pF
0
0.4
V
Min off time
tOFF
320
ns
Note 1. External resistor divider is connected to Vcomp pin. 100K between VDDA and Vcomp, 300K between Vcomp to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com