Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX1692IPW Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX1692IPW
Description  TM Full Bridge Resonant CCFL Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1692IPW Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button LX1692IPW Datasheet HTML 4Page - Microsemi Corporation LX1692IPW Datasheet HTML 5Page - Microsemi Corporation LX1692IPW Datasheet HTML 6Page - Microsemi Corporation LX1692IPW Datasheet HTML 7Page - Microsemi Corporation LX1692IPW Datasheet HTML 8Page - Microsemi Corporation LX1692IPW Datasheet HTML 9Page - Microsemi Corporation LX1692IPW Datasheet HTML 10Page - Microsemi Corporation LX1692IPW Datasheet HTML 11Page - Microsemi Corporation LX1692IPW Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LX1692
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 2004
Rev. 1.2, 12/20/2006
Full Bridge Resonant CCFL Controller
TM
®
SIMPL I FIED BLOC K DIAGR A M
VDDA
Ramp OSC
RMP_RST
C_R
+
-
1V
C_BST
Burst
OSC
VDDA
VDDA
C_TO
VDDA
+
-
3.5V
BRITE_A
+
-
VCOMP
+
-
2V
VIN_SNS
+
-
ENABLE
Sleep
Logic
I_R
VDDP
OC_SNS
Fault
Detection &
Timer Logic
PWM
Block
VDDP
VDDP
GND
AOUT
BOUT
COUT
DOUT
+
-
ISNS
FWR
1.0V/0.3V
+
-
ICOMP
2.0V
+
-
OV_SNS
3.2V
Resonant
Timing
Detection &
Control
Logic
BRITE_D
Output
Driver
LDET
0.45V
2V
4V
LDO
VDDA
+
-
0.5V
C_BST
C_BST
VDDP
SLEEP
SLEEP
DIM
DIM
RMP_RST
1
0
SEL
OUT
Figure 1 –
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com