Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX1692IPW Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX1692IPW
Description  TM Full Bridge Resonant CCFL Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1692IPW Datasheet(HTML) 1 Page - Microsemi Corporation

  LX1692IPW Datasheet HTML 1Page - Microsemi Corporation LX1692IPW Datasheet HTML 2Page - Microsemi Corporation LX1692IPW Datasheet HTML 3Page - Microsemi Corporation LX1692IPW Datasheet HTML 4Page - Microsemi Corporation LX1692IPW Datasheet HTML 5Page - Microsemi Corporation LX1692IPW Datasheet HTML 6Page - Microsemi Corporation LX1692IPW Datasheet HTML 7Page - Microsemi Corporation LX1692IPW Datasheet HTML 8Page - Microsemi Corporation LX1692IPW Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LX1692
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2004
Rev. 1.2, 12/20/2006
Full Bridge Resonant CCFL Controller
TM
®
DE SCRI PT I ON
Microsemi’s LX1692 is a cost
reduced, third generation Direct Drive
CCFL
(Cold
Cathode
Fluorescent
Lamp)
controller.
The
integrated
controller
is
optimized
to
drive
CCFL’s using resonant full bridge
inverter topology.
Resonant
full
bridge
topology
provides near sinusoidal waveforms
over a wide supply voltage range in
order to maximize the life of CCFL
lamps, control EMI emissions, and
maximize efficiency. This new archi-
tecture also provides a wide dimming
range.
The
LX1692
includes
safety
features that limit the transformer
secondary voltage and protect against
fault conditions which include open
lamp, broken lamp and short-circuit
faults.
The LX1692 regulates the CCFL
brightness
in
three
ways:
analog
dimming, digital dimming, or combined
analog and digital dimming methods
simultaneously to achieve the widest
dimming range (> 60 to 1).
The LX1692 can accept a brightness
control signal that is either an analog
voltage or a direct low frequency PWM.
The LX1692 also features integrated
gate drivers for the four external power
MOSFETs.
An integrated 4V LDO powers all
internal control circuitry which greatly
simplifies supply voltage requirements.
The LX1692 is available in a 20-Pin
TSSOP and SOIC.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
Protected by U.S. Patents: 5,615,093; 5,923,129; 5,930,121; 6,198,234; 7,112,929; Patents Pending
PRODUCT HIGHLIG HT
Part
C_R
I_R
C_BST
C_TO
BRITE_IN
EA_OUT
ISNS
D
C
B
A
DUAL
FET
DUAL
FET
V
SUPPLY
LX1692
KEY FEATURES
For Wide Voltage Range Inverter
Application (7V to 22V)
Patent Resonant Strike for
Unsurpassed Striking Power
Combined with Best Efficiency
Low Stress to Transformers
Excellent Open Circuit Voltage
Regulation Reduces Transformer
Breakdown Voltage
Requirements While Striking
Higher Voltage Lamps
One Inverter for Multiple Panel
Types
Wide Dimming Range
Analog Dimming: >3 to 1
Digital Dimming : >20 to 1
Combined: >60 to 1
Fool-Proof Striking
Programmable Burst Dimming
Frequency
Programmable Time Out
Protection
Fixed Operating Frequency
Open Lamp Voltage Protection,
Short Lamp Protection, Arc
Protection1
BENEF I TS
Even Display Light Distribution
Longer Lamp Life with Optimized
Lamp Current Amplitude
Reduced Operating Voltage
Lowers Corona Discharge and
Prolongs Module Life
High “Nits / Watt” Efficiency
Makes Less Heat and Brighter
Displays
APPL ICA T ION S
LCD TV
LCD Monitor
PACKAG E ORDER INFO
PW
Plastic TSSOP
20-Pin
DW
Plastic SOIC
20-Pin
TA (°C)
RoHS Compliant / Pb-free
RoHS Compliant / Pb-free
-20 to +85
LX1692IPW
LX1692IDW
Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e. LX1692IPW-TR)
1
Arc protection is provided if the arcing level is enough to be trigged.


Similar Part No. - LX1692IPW

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
LX1692IPW MITSUMI-LX1692IPW Datasheet
271Kb / 15P
Full Bridge Resonant CCFL Controller
More results

Similar Description - LX1692IPW

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
LX1692 MITSUMI-LX1692 Datasheet
271Kb / 15P
Full Bridge Resonant CCFL Controller
logo
Microsemi Corporation
LX1696A MICROSEMI-LX1696A Datasheet
97Kb / 2P
Full Bridge Resonant CCFL Controller
LX1692A MICROSEMI-LX1692A Datasheet
98Kb / 2P
Full Bridge Resonant CCFL Controller
logo
Maxim Integrated Produc...
MAX8751 MAXIM-MAX8751 Datasheet
732Kb / 27P
Fixed-Frequency, Full-Bridge CCFL Inverter Controller
Rev 0; 8/05
logo
Monolithic Power System...
MP1038 MPS-MP1038 Datasheet
34Kb / 1P
Full Bridge CCFL Controller
logo
Microsemi Corporation
LX1692B MICROSEMI-LX1692B Datasheet
305Kb / 13P
Full Bridge Resonant CCFL Controller
LX1692F MICROSEMI-LX1692F Datasheet
196Kb / 2P
TM Full Bridge Resonant CCFL Controller
LX6503 MICROSEMI-LX6503 Datasheet
124Kb / 2P
TM HIGH PERFORMANCE CCFL CONTROLLER
LX6504 MICROSEMI-LX6504 Datasheet
180Kb / 2P
Full Bridge Resonant CCFL Controller
logo
Texas Instruments
TPS68000 TI1-TPS68000_13 Datasheet
629Kb / 26P
HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com