| Electronic Components Datasheet Search |
|
WM8143-10CFT/V Datasheet(PDF) 9 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8143-10CFT/V Datasheet(HTML) 9 Page - Wolfson Microelectronics plc |
|
9 / 24 page ![]() Production Data WM8143-10 Wolfson Microelectronics PD.Rev 3f June 98 9 Device Description S/H, Offset DACs and PGA Each analogue input (RINP, GINP, BINP) of the WM8143-10 consists of a sample and hold, a programmable gain amplifier, and a DC offset correction block. The operation of the red input stage is summarised in Figure 2. S/H S/H GAIN=G VS VMID V ADC VMID V OFFSET RINP RS - + + + Figure 2 Operation of Red Input Stage The sample/hold block can operate in two modes of operation, CDS (Correlated Double Sampling) or Single Ended. In CDS operation the video signal processed is the difference between the voltage applied at the RINP input when RS occurs, and the voltage at the RINP input when VS occurs. This is summarised in Figure 3. Figure 3 Video Signal Processed in CDS mode When using CDS the actual DC value of the input signal is not important, as long as the signal extremes are maintained within 0.5 volts of the chip power supplies. This is because the signal processed is the difference between the two sample voltages, with the common DC voltage being rejected. In Single Ended operation, the VS and RS control signals occur simultaneously, and the voltage applied to the reset switch is fixed at VMID. This means that the voltage processed is the difference between the voltage applied to RINP when VS/RS occurs, and VMID. When using Single Ended operation the DC content of the video signal is not rejected. The Programmable Gain Amplifier block multiplies the resulting input voltage by a value between 0.5 and 8.25 which can be programmed independently for each of the three input channels via the serial (or parallel) interface. Table 1 illustrates the PGA Gains Register codes required for typical gains. (See Typical Performance Graphs). The typical gain may also be calculated using the following equation: Typical Gain = 0.5+(Code ∗0.25). CODE TYPICAL GAIN CODE TYPICAL GAIN 00000 0.5 10000 4.5 00001 0.75 10001 4.75 00010 1 10010 5 00011 1.25 10011 5.25 00100 1.5 10100 5.5 00101 1.75 10101 5.75 00110 2 10110 6 00111 2.25 10111 6.25 01000 2.5 11000 6.5 01001 2.75 11001 6.75 01010 3 11010 7 01011 3.25 11011 7.25 01100 3.5 11100 7.5 01101 3.75 11101 7.75 01110 4 11110 8 01111 4.25 11111 8.25 Table 1 Typical Gain The DC value of the gained signal can then be trimmed by the 8 bit plus sign DAC. The voltage output by this DAC is shown as VOFFSET in Figure 2. The range of the DAC is (VMID/2) or 1.5*(VMID/2) if the DAC_RANGE bit in Set-up Register 4 is set. The output from the offset DAC stage is referenced to the VMID voltage. This allows the input to the ADC to maximise the dynamic range, and is shown diagrammatically in Figure 2 by the final VMID addition. RS VS V RS V VS |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |