Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8143-10CFT/V Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8143-10CFT/V
Description  10-bit/6MSPS CCD Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8143-10CFT/V Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8143-10CFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
WM8143-10
Production Data
Wolfson Microelectronics
PD Rev 3f June 98
18
Figure 17 Parallel Interface Timing
BIT
ADDRESS
<a5:a0>
DES-
CRIPTION
DE-
FAULT
(HEX)
b7
b6
b5
b4
b3
b2
b1
b0
000000
Reserved
000001
Setup
Register 1
03
VSMP6M
MONO
CDS
ENADC
000010
Setup
Register 2
00
INVOP
MUXOP
000011
Setup
Register 3
11
CHAN[1]
CHAN[0] CDSREF[1] CDSREF[0]
RLC[1]
RLC[0]
000100
Software
Reset
00
000101
Setup
Register 4
00
DACRNG
1000a1a0
DAC Values
00
DAC[7]
DAC[6]
DAC[5]
DAC[4]
DAC[3] DAC[2]
DAC[1]
DAC[0]
1001a1a0
DAC Signs
00
DSIGN
1010a1a0
PGA Gains
00
PGA[4]
PGA[3] PGA[2]
PGA[1]
PGA[0]
ADDRESS LSB
DECODE
a1
a0
Red Register
0
0
Green Register
0
1
Blue Register
1
0
Red, Green and
Blue
1
1
Table 5 Register Map Contents
OP[9:2]
Address
Data
RNW
STB
DNA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com