Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS6721DG Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6721DG
Description  150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6721DG Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6721DG Datasheet HTML 1Page - Silicon Standard Corp. SS6721DG Datasheet HTML 2Page - Silicon Standard Corp. SS6721DG Datasheet HTML 3Page - Silicon Standard Corp. SS6721DG Datasheet HTML 4Page - Silicon Standard Corp. SS6721DG Datasheet HTML 5Page - Silicon Standard Corp. SS6721DG Datasheet HTML 6Page - Silicon Standard Corp. SS6721DG Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.SiliconStandard.com
4 of 7
SS6721G/DG
1/21/2005 Rev.2.01
TYPICAL PERFORMANCE CHARACTERISTICS
Fig. 1
Output Voltage vs. Temperature
Temperature (°C)
0
50
100
96
98
100
103
104
0
-40
125
Fig. 2
Ground Current vs. Input Voltage
Input Voltage (V)
0
10
20
30
40
50
60
0
2
4
6
8
10
Fig. 3 Ground Current vs. Temperature
Temperature (°C)
125
025
50
75
100
-25
-50
50
52
54
56
58
60
IL =300mA
IL =150mA
IL=0.1mA
Fig. 4
Dropout Voltage vs. Load Current
Load Current (mA)
600
0
50
100
150
200
250
300
0
100
200
300
400
500
VOUT=5.0V
VOUT=3.3V
Temperature(°C)
Fig. 5 Dropout Voltage vs Temperature
0
25
50
75
100
125
-25
-50
0
100
200
300
400
500
600
IL=0.1mA
VOUT=5V
IL=150mA
IL=300mA
Temperature (°C)
Fig. 6
Short Circuit Current vs. Temperature
025
50
75
100
125
-25
-50
200
300
400
500
SS6721D
SS6721



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com