Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS6721DG Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6721DG
Description  150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6721DG Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6721DG Datasheet HTML 1Page - Silicon Standard Corp. SS6721DG Datasheet HTML 2Page - Silicon Standard Corp. SS6721DG Datasheet HTML 3Page - Silicon Standard Corp. SS6721DG Datasheet HTML 4Page - Silicon Standard Corp. SS6721DG Datasheet HTML 5Page - Silicon Standard Corp. SS6721DG Datasheet HTML 6Page - Silicon Standard Corp. SS6721DG Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.SiliconStandard.com
1 of 7
SS6721G/DG
1/21/2005 Rev.2.01
150mA/300mA Low Dropout Linear Regulator
with 1% Output Accuracy
FEATURES
Low dropout voltage of 130mV at 100mA output
current (5V output version).
Guaranteed 150mA/300mA output current.
Internal 1.3
Ω P-MOSFET draws no base-current.
Low ground current of 55
µA.
Output voltage accuracy of 1% at 3.3V/5V.
Input voltage range up to 12V (5V output version)
Extremely tight load and line regulation.
Fast transient response.
Current limiting and thermal protection.
APPLICATIONS
LAN Cards.
Wireless Communication Systems.
Battery Powered Systems.
DESCRIPTION
The SS6721/6721D are 150/300mA low dropout
linear regulators. The superior characteristics of the
SS6721 and SS6721D include zero base-current
loss, very low dropout voltage, and 1% accuracy
of output voltage. Typical ground current is
approximately 55
µA, across the load range
from zero to maximum. With an output current
of 100mA, the dropout voltage of the SS6721
and SS6721D is substantially lower (130mV for
SS6721-50 and SS6721D-50, and 180mV for the
SS6721-33 and SS6721D-33) when compared
with a bipolar device. Built-in output current and
thermal limiting provide maximum protection of the
SS6721 and SS6721D against fault conditions.
The SS6721 and SS6721D are available in
the popular SOT-89 and TO-92 packages.
TYPICAL APPLICATION CIRCUIT
+
+
SS6
721/
SS6
721D
10
µF
COUT
VOUT
VOUT
GND
VIN
1
µF
CIN
VIN
Low Dropout Linear Regulator
RoHS compliant.


Similar Part No. - SS6721DG

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6729 SSC-SS6729 Datasheet
328Kb / 8P
400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
SS6729-3018CNTB SSC-SS6729-3018CNTB Datasheet
328Kb / 8P
400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
SS6729-3018CNTR SSC-SS6729-3018CNTR Datasheet
328Kb / 8P
400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
SS6729-3018CSTB SSC-SS6729-3018CSTB Datasheet
328Kb / 8P
400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
SS6729-3018CSTR SSC-SS6729-3018CSTR Datasheet
328Kb / 8P
400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
More results

Similar Description - SS6721DG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875 Datasheet
435Kb / 8P
150mA, Low-Dropout Linear Regulator with Power-OK Output
MAX8885 MAXIM-MAX8885 Datasheet
179Kb / 8P
150mA, Low-Dropout Linear Regulator with Power-OK Output
logo
Analog Intergrations Co...
AIC1737 AIC-AIC1737 Datasheet
72Kb / 5P
LOW OUTPUT VOLTAGE, 300mA LOW DROPOUT LINEAR REGULATOR
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
logo
Silicon Standard Corp.
SS62951 SSC-SS62951 Datasheet
614Kb / 10P
150mA/ 300mA Low Dropout Linear Regulatror
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Monolithic Power System...
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875_V01 Datasheet
260Kb / 9P
150mA, Low-Dropout Linear Regulator with Power-OK Output
2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com