Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS6721DG Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6721DG
Description  150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6721DG Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6721DG Datasheet HTML 1Page - Silicon Standard Corp. SS6721DG Datasheet HTML 2Page - Silicon Standard Corp. SS6721DG Datasheet HTML 3Page - Silicon Standard Corp. SS6721DG Datasheet HTML 4Page - Silicon Standard Corp. SS6721DG Datasheet HTML 5Page - Silicon Standard Corp. SS6721DG Datasheet HTML 6Page - Silicon Standard Corp. SS6721DG Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.SiliconStandard.com
5 of 7
SS6721G/DG
1/21/2005 Rev.2.01
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 7 Line Transient Response
Time (mS)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
100
50
0
-50
8
6
COUT=1µF
IL=1mA
VOUT=5V
Fig. 8
Load Transient Response
Time (mS)
150
0.1
100
0
-100
-200
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
COUT=1µF
VOUT=5V
Fig. 9
Load Transient Response
Time (mS)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
20
0
-20
150
0.1
COUT=10µF
VOUT=5V
-40
-60
BLOCK DIAGRAM
VREF
1.235V
GND
VOUT
VIN
ERROR
AMP
+
-
THERMAL
LIMITING
-
+
CURRENT
LIMITING



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com