Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS6730 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6730
Description  150mA Low-Noise, Low-Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6730 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6730 Datasheet HTML 1Page - Silicon Standard Corp. SS6730 Datasheet HTML 2Page - Silicon Standard Corp. SS6730 Datasheet HTML 3Page - Silicon Standard Corp. SS6730 Datasheet HTML 4Page - Silicon Standard Corp. SS6730 Datasheet HTML 5Page - Silicon Standard Corp. SS6730 Datasheet HTML 6Page - Silicon Standard Corp. SS6730 Datasheet HTML 7Page - Silicon Standard Corp. SS6730 Datasheet HTML 8Page - Silicon Standard Corp. SS6730 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.SiliconStandard.com
1 of 11
SS6730
150mA Low-Noise, Low-Dropout Linear Regulator
FEATURES
Output tolerance of
±2%.
Output voltage of 1.8V to 3.3V with 0.1V increments.
Active-low shutdown control.
Very low quiescent current.
Very low dropout voltage.
Miniature package (SOT-23-5 & SOT-23-6W)
Short-circuit and thermal protection.
Very low noise.
APPLICATIONS
Cellular Telephones.
Pagers.
Personal Communication Equipment.
Cordless Telephones.
Portable Instrumentation.
Portable Consumer Equipment.
Radio Control Systems.
Low Voltage Systems.
Battery Powered Systems.
DESCRIPTION
The SS6730 is a low noise, low dropout linear
regulator,
housed
in
a
small
SOT-23-5
or
SOT-23-6W package. The device is in the “ON”
state when the
SHDN pin is set to a logic-high
level. An internal P-MOSFET pass transistor is
used to achieve a low dropout voltage of 90mV at
50mA load current. It offers a high precision output
voltage of
±2%. The very low quiescent current
and low dropout voltage make this device ideal
for battery powered applications. The internal
reverse
bias
protection
eliminates
the
requirement for a reverse voltage protection
diode. The high ripple rejection and low noise
provide
enhanced
performance
for
critical
applications.
An
external
capacitor
can
be
connected to the noise bypass pin to reduce the
output noise level.
TYP ICAL APPLICATION CIRCUIT
CIN
1µF
VIN
BP
VOUT
SHDN
GND
VIN
SS6730
COUT
1µF
CBP
0.1µF
V
SHDN
VOUT
+
+
Low Noise Low Dropout Linear Regulator
1/26/2004 Rev.2.02


Similar Part No. - SS6730

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
300mA Low Dropout Linear Regulator
SS6732-33CXBG SSC-SS6732-33CXBG Datasheet
385Kb / 7P
300mA Low Dropout Linear Regulator
SS6732-33CXTR SSC-SS6732-33CXTR Datasheet
385Kb / 7P
300mA Low Dropout Linear Regulator
SS6732-34CXBG SSC-SS6732-34CXBG Datasheet
385Kb / 7P
300mA Low Dropout Linear Regulator
SS6732-34CXTR SSC-SS6732-34CXTR Datasheet
385Kb / 7P
300mA Low Dropout Linear Regulator
More results

Similar Description - SS6730

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
Low Noise Low Dropout, 150mA Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
logo
ADDtek Corp
AMC8878 ADDTEK-AMC8878 Datasheet
271Kb / 9P
LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
150mA Low-Noise Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com