Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS6730 Datasheet(PDF) 11 Page - Silicon Standard Corp.

Part # SS6730
Description  150mA Low-Noise, Low-Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6730 Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS6730 Datasheet HTML 4Page - Silicon Standard Corp. SS6730 Datasheet HTML 5Page - Silicon Standard Corp. SS6730 Datasheet HTML 6Page - Silicon Standard Corp. SS6730 Datasheet HTML 7Page - Silicon Standard Corp. SS6730 Datasheet HTML 8Page - Silicon Standard Corp. SS6730 Datasheet HTML 9Page - Silicon Standard Corp. SS6730 Datasheet HTML 10Page - Silicon Standard Corp. SS6730 Datasheet HTML 11Page - Silicon Standard Corp. SS6730 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.SiliconStandard.com
11 of 12
SS6730
PHYSICAL DIMENSIONS
SOT-23-5 (unit: mm)
SYMBOL
MIN
MAX
A
1.00
1.30
A1
—
0.10
A2
0.70
0.90
b
0.35
0.50
C
0.10
0.25
D
2.70
3.10
E
1.40
1.80
e
1.90 (TYP)
H
2.60
3.00
L
0.37
—
E
e
D
H
A1
A
A2
b
L
θ1
C
θ1
1
°
9
°
SOT-23-5 Marking
Part No.
Marking
Part No.
Marking
SS6730-18CV
EC18
SS6730-27CV
EC27
SS6730-19CV
EC19
SS6730-28CV
EC28
SS6730-20CV
EC20
SS6730-285CV
EC2J
SS6730-21CV
EC21
SS6730-29CV
EC29
SS6730-22CV
EC22
SS6730-30CV
EC30
SS6730-23CV
EC23
SS6730-31CV
EC31
SS6730-24CV
EC24
SS6730-32CV
EC32
SS6730-25CV
EC25
SS6730-33CV
EC33
SS6730-26CV
EC26
1/26/2004 Rev.2.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com