Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT10.7MS2AP Datasheet(PDF) 33 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MS2AP
Description  Filters for FM ,TV/VCR Stage, Communication
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MS2AP Datasheet(HTML) 33 Page - Token Electronics Industry Co., Ltd.

Back Button LT10.7MS2AP Datasheet HTML 29Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 30Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 31Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 32Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 33Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 34Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 35Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 36Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 37Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
LTP Ceramic Filters for AM
Ceramic Filters for AM
Token Ceramic Filters for AM
are Compatible Murata SFU450/455kHz
Preview
Token ceramic filters are primarily designed for piezoelectric lines and conform to the RoHS directive and
Lead-free. Ceramic filters for AM (LTP) series are designed to address the needs of standard AM filtering
requirements. These filters are recommended for use in low cost products where economically, efficient designs
are critical.
The LTP series for AM use is one of the most recommendable intermediate filters, having such distinctive
features as high selectivity, high stability, and adjustment-free operation. Additionally its easy matching with IC
helps create an easy circuit design.
Token ceramic filters can supply you high performance, high quality and stability. The LTP series can be
customed designs and tighter tolerances available on request. Application of ceramic filters specific designs also
available including different piezo band-pass devices and Q specifications adjusted to frequency requirements.
Benefit Features
- Center frequency range between 450~470kHz are available standard tolerance of ±2kHz.
- Insert Loss (dB) max 5.0 db.
TOKEN
31 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com