Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT10.7MS2AP Datasheet(PDF) 38 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MS2AP
Description  Filters for FM ,TV/VCR Stage, Communication
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MS2AP Datasheet(HTML) 38 Page - Token Electronics Industry Co., Ltd.

Back Button LT10.7MS2AP Datasheet HTML 34Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 35Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 36Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 37Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 38Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 39Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 40Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 41Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 42Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Test Circuit
How to Order
LTZ455HL
P
LTZ Ceramic Filters for AM
Back to 1st Page - Ceramic Filters for AM - LTZ
Part Number
Package
Recommended IFT (7mm Square)
~
③
④
⑤
⑥
②
①
RF
V.M
Rg
R1
S.S.G
R2
Rg+ R1= R2=3KΩ
Item
LTZ455HL/JL
Winding Specification
Form bottom
①
~②
②
~③
④
~⑥
68T
84T
14T
unloaded Qu
90
Tuning Capacity
108PF
①
②
③
④
⑥
○
○
○
○
○
●
TOKEN
36 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com