Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT10.7MS2AP Datasheet(PDF) 36 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MS2AP
Description  Filters for FM ,TV/VCR Stage, Communication
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MS2AP Datasheet(HTML) 36 Page - Token Electronics Industry Co., Ltd.

Back Button LT10.7MS2AP Datasheet HTML 32Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 33Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 34Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 35Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 36Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 37Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 38Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 39Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 40Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
LTZ Ceramic Filters for AM
Ceramic Filters for AM
The Low Cost Standard AM Filters
(Murata SFZ Compatible)
Preview
Ceramic filters for AM (LTZ) series are designed to address the needs of standard AM filtering requirements and
are recommended for use in low cost products where economically, efficient designs are critical.
Token ceramic filters LTZ series for AM conform to the RoHS directive. The LTZ series can be customed designs
and tighter tolerances available on request.
Application of ceramic filters specific designs also available including different piezo band-pass devices and Q
specifications adjusted to frequency requirements. Token ceramic filters can supply you high performance, high
quality and stability.
With dimensions (7.0 x 9.0 x 6.5mm), and Insertion Loss 7db, the (LTZ) series is composition of 2 elements
direct coupling. Center Frequency (fo) is available in a range of 450kHz ~ 470kHz. The nominal frequency
tolerance is ±2kHz.
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
TOKEN
34 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com