Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFSL5.5MDB Datasheet(PDF) 10 Page - Yamar Electronics Ltd.

Part # SFSL5.5MDB
Description  Smart Slave for DC-BUS Powerline Network
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL5.5MDB Datasheet(HTML) 10 Page - Yamar Electronics Ltd.

Back Button SFSL5.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 10Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 11Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 12Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 13Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 14Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Preliminary and proprietary Information of YAMAR Electronics Ltd. Subject to change without notice.
© 2010 Yamar Electronics Ltd.
10
DS-SIG61 R0.932
Figure 4.4 - Read-change command
Command type 4: Sleep command.
This type of command consist of 5 bytes: sync break, sync field, “3C” Hex, “00” Hex and checksum.
The sleep command identifier is “3C”Hex as in LIN2.0 specifications and the following data byte
“00”Hex.
Upon reception of sync break, sync field, “3C”Hex and “00”Hex bytes, a device enters sleep mode
immediately and as a result it’s the following command bytes are ignored.
Figure 4.5 - Sleep command
Command type 5: Change Frequency command.
This type of command consists of 5 bytes - sync break, sync field, “FE” Hex, “00” Hex and checksum.
The change frequency command identifier is “FE” Hex and the following data byte is “00”Hex.
Upon reception of sync break, sync field, “FE” Hex and “00” Hex bytes the frequency changes from F1
to F0, or vise versa. Checksum calculation follows the description above.
Figure 4.6 - Frequency Change command
4.2
Power Management
The SIG61 device features Sleep mode for power saving. Entering the Sleep mode, as well as waking
up, can be initiated locally, by means of dedicated input pins, or remotely through activity (proper
messages) over the bus.
4.2.1
Entering Sleep mode
The SIG61 can enter sleep mode by any of the following ways:
1.
The device nSleep pin is lowered.
2.
Sleep command from a remote master is received.
3.
The AutoSleep pin is set HIGH and no reception occurred for about 8 seconds.
4.2.2
Device Outputs during Sleep
During Sleep mode, the SIG61 8 output pins remain unchanged if the device has entered this mode
due to a Sleep command from the Master or by lowering the Pin nSleep.
However if the device entered the Sleep mode due to the AutoSleep function, SIG61 will lower all the
outputs to "0".
Sync break
Sync Field
0xFE
Zero byte/bytes
Checksum
Sync break
Sync Field
0x3C
Zero byte/bytes
Checksum
Master
Slave
Sync break
Sync Field
P1, P0, 1, 0, Address
Data (8 input bits)
Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com