| Electronic Components Datasheet Search |
|
SFSL5.5MDB Datasheet(PDF) 11 Page - Yamar Electronics Ltd. |
|
|
|||||||||||||||||||||||||||||
SFSL5.5MDB Datasheet(HTML) 11 Page - Yamar Electronics Ltd. |
|
11 / 15 page ![]() Preliminary and proprietary Information of YAMAR Electronics Ltd. Subject to change without notice. © 2010 Yamar Electronics Ltd. 11 DS-SIG61 R0.932 4.2.3 Remote wake up process The SIG61 can be awakened by a remote SIG60 master, or SIG61 slave, device transmitting a wakeup message over the bus. During Sleep Mode, the SIG61 wakes up periodically, every 32mSec, to sense for bus activity. If a wakeup message is detected, the SIG61 device raises pin INH and lowers pin HDO. If nSleep pin is low upon remote waking up, the local host (a device controlling the SIG61) which initially pulled nSleep pin down, must raise the nSleep back high. Figure 4.7 provides the signal description. Figure 4.7 - Wakeup from bus message 4.2.4 Wakeup from Wake pin A transition seen on the Wake pin (caused by an external source) is used to wake up the device. The device then enters Standby mode, it rises pin INH, and transmits a wakeup message to the bus. While transmitting the wakeup message, the device lowers pin HDO. After the transmission is completed the device raises pin HDO. This is depicted in Figure 4.8. After the transmission is completed the device enters Normal mode. If nSleep pin is low upon waking up, the local host which initially pulled nSleep pin down, must raise the nSleep back to high. Figure 4.8 - Wakeup from Wake pin INH Wake Normal mode DC-BUS Wakeup Message Standby HDO T1 T2 T1 = 30uS-62uS T2 = 92uS-124uS INH msg. detected DC-BUS Wakeup Message Normal mode HDO Standby |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |