Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6727BRFP300 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320C6727BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6727BRFP300 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C6727BRFP300 Datasheet HTML 2Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 3Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 4Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 5Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 6Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 7Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 8Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 9Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 118 page
background image
Contents
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
1
TMS320C6727B, TMS320C6726B,
4.4
Electrical Characteristics
............................ 34
TMS320C6722B, TMS320C6720 DSPs
............... 1
4.5
Parameter Information
.............................. 35
1.1
Features
.............................................. 1
4.6
Timing Parameter Symbology
....................... 36
1.2
Description
............................................ 2
4.7
Power Supplies
...................................... 37
1.2.1
Device Compatibility
................................. 4
4.8
Reset
................................................ 38
1.3
Functional Block Diagram
............................ 5
4.9
Dual Data Movement Accelerator (dMAX)
.......... 39
2
Device Overview
......................................... 7
4.10
External Interrupts
................................... 44
2.1
Device Characteristics
................................ 7
4.11
External Memory Interface (EMIF)
.................. 45
2.2
Enhanced C67x+ CPU
............................... 8
4.12
Universal Host-Port Interface (UHPI) [C6727B
Only]
................................................. 56
2.3
CPU Interrupt Assignments
........................... 9
4.13
Multichannel Audio Serial Ports (McASP0, McASP1,
2.4
Internal Program/Data ROM and RAM
.............. 10
and McASP2)
........................................ 70
2.5
Program Cache
...................................... 11
4.14
Serial Peripheral Interface Ports (SPI0, SPI1)
...... 82
2.6
High-Performance Crossbar Switch
................. 12
4.15
Inter-Integrated Circuit Serial Ports (I2C0, I2C1)
... 95
2.7
Memory Map Summary
............................. 15
4.16
Real-Time Interrupt (RTI) Timer With Digital
2.8
Boot Modes
.......................................... 16
Watchdog
............................................ 99
2.9
Pin Assignments
.................................... 19
4.17
External Clock Input From Oscillator or CLKIN Pin 102
2.10
Development
........................................ 26
4.18
Phase-Locked Loop (PLL)
......................... 104
3
Device Configurations
................................. 30
5
Application Example
................................. 107
3.1
Device Configuration Registers
..................... 30
6
Revision History
...................................... 108
3.2
Peripheral Pin Multiplexing Options
................. 30
7
Mechanical Data
....................................... 109
3.3
Peripheral Pin Multiplexing Control
................. 31
7.1
Package Thermal Resistance Characteristics
..... 109
4
Peripheral and Electrical Specifications
........... 33
7.2
Supplementary Information About the 144-Pin RFP
4.1
Electrical Specifications
............................. 33
PowerPAD™ Package
............................. 110
4.2
Absolute Maximum Ratings
......................... 33
7.3
Packaging Information
............................. 110
4.3
Recommended Operating Conditions
............... 33
Contents
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com