Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6727BRFP300 Datasheet(PDF) 73 Page - Texas Instruments

Part # TMS320C6727BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6727BRFP300 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS320C6727BRFP300 Datasheet HTML 69Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 70Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 71Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 72Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 73Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 74Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 75Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 76Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 118 page
background image
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Table 4-20. McASP Registers Accessed Through Peripheral Configuration Bus (continued)
McASP0
McASP1
McASP2
REGISTER
BYTE
BYTE
BYTE
DESCRIPTION
NAME
ADDRESS
ADDRESS
ADDRESS
0x4400 00C8
0x4500 00C8
0x4600 00C8
XCLKCHK
Transmit clock check control register
0x4400 00CC
0x4500 00CC
0x4600 00CC
XEVTCTL
Transmitter DMA event control register
–
–
0x4600 0100
DITCSRA0
Left channel status register 0
–
–
0x4600 0104
DITCSRA1
Left channel status register 1
–
–
0x4600 0108
DITCSRA2
Left channel status register 2
–
–
0x4600 010C
DITCSRA3
Left channel status register 3
–
–
0x4600 0110
DITCSRA4
Left channel status register 4
–
–
0x4600 0114
DITCSRA5
Left channel status register 5
–
–
0x4600 0118
DITCSRB0
Right channel status register 0
–
–
0x4600 011C
DITCSRB1
Right channel status register 1
–
–
0x4600 0120
DITCSRB2
Right channel status register 2
–
–
0x4600 0124
DITCSRB3
Right channel status register 3
–
–
0x4600 0128
DITCSRB4
Right channel status register 4
–
–
0x4600 012C
DITCSRB5
Right channel status register 5
–
–
0x4600 0130
DITUDRA0
Left channel user data register 0
–
–
0x4600 0134
DITUDRA1
Left channel user data register 1
–
–
0x4600 0138
DITUDRA2
Left channel user data register 2
–
–
0x4600 013C
DITUDRA3
Left channel user data register 3
–
–
0x4600 0140
DITUDRA4
Left channel user data register 4
–
–
0x4600 0144
DITUDRA5
Left channel user data register 5
–
–
0x4600 0148
DITUDRB0
Right channel user data register 0
–
–
0x4600 014C
DITUDRB1
Right channel user data register 1
–
–
0x4600 0150
DITUDRB2
Right channel user data register 2
–
–
0x4600 0154
DITUDRB3
Right channel user data register 3
–
–
0x4600 0158
DITUDRB4
Right channel user data register 4
–
–
0x4600 015C
DITUDRB5
Right channel user data register 5
0x4400 0180
0x4500 0180
0x4600 0180
SRCTL0
Serializer control register 0
0x4400 0184
0x4500 0184
0x4600 0184
SRCTL1
Serializer control register 1
0x4400 0188
0x4500 0188
–
SRCTL2
Serializer control register 2
0x4400 018C
0x4500 018C
–
SRCTL3
Serializer control register 3
0x4400 0190
0x4500 0190
–
SRCTL4
Serializer control register 4
0x4400 0194
0x4500 0194
–
SRCTL5
Serializer control register 5
0x4400 0198
–
–
SRCTL6
Serializer control register 6
0x4400 019C
–
–
SRCTL7
Serializer control register 7
0x4400 01A0
–
–
SRCTL8
Serializer control register 8
0x4400 01A4
–
–
SRCTL9
Serializer control register 9
0x4400 01A8
–
–
SRCTL10
Serializer control register 10
0x4400 01AC
–
–
SRCTL11
Serializer control register 11
0x4400 01B0
–
–
SRCTL12
Serializer control register 12
0x4400 01B4
–
–
SRCTL13
Serializer control register 13
0x4400 01B8
–
–
SRCTL14
Serializer control register 14
0x4400 01BC
–
–
SRCTL15
Serializer control register 15
0x4400 0200
0x4500 0200
0x4600 0200
XBUF0(1)
Transmit buffer register for serializer 0
0x4400 0204
0x4500 0204
0x4600 0204
XBUF1(1)
Transmit buffer register for serializer 1
0x4400 0208
0x4500 0208
–
XBUF2(1)
Transmit buffer register for serializer 2
(1)
Writes to XRBUF originate from peripheral configuration bus only when XBUSEL = 1 in XFMT.
Submit Documentation Feedback
Peripheral and Electrical Specifications
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com