Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6727BRFP300 Datasheet(PDF) 75 Page - Texas Instruments

Part # TMS320C6727BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6727BRFP300 Datasheet(HTML) 75 Page - Texas Instruments

Back Button TMS320C6727BRFP300 Datasheet HTML 71Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 72Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 73Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 74Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 75Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 76Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 77Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 78Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 118 page
background image
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Figure 4-26 shows the bit layout of the CFGMCASP0 register and Table 4-21 contains a description of the
bits.
31
8
Reserved
7
3
2
0
Reserved
AMUTEIN0
R/W, 0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 4-26. CFGMCASP0 Register Bit Layout (0x4000 0018)
Table 4-21. CFGMCASP0 Register Bit Field Description (0x4000 0018)
RESET
READ
BIT NO.
NAME
DESCRIPTION
VALUE
WRITE
31:3
Reserved
N/A
N/A
Reads are indeterminate. Only 0s should be written to these bits.
2:0
AMUTEIN0
0
R/W
AMUTEIN0 Selects the source of the input to the McASP0 mute input.
000 = Select the input to be a constant '0'
001 = Select the input from AXR0[7]/SPI1_CLK
010 = Select the input from AXR0[8]/AXR1[5]/SPI1_SOMI
011 = Select the input from AXR0[9]/AXR1[4]/SPI1_SIMO
100 = Select the input from AHCLKR2
101 = Select the input from SPI0_SIMO
110 = Select the input from SPI0_SCS/I2C1_SCL
111 = Select the input from SPI0_ENA/I2C1_SDA
Submit Documentation Feedback
Peripheral and Electrical Specifications
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com