Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA9541BS/01 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCA9541BS/01
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541BS/01 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCA9541BS/01 Datasheet HTML 33Page - NXP Semiconductors PCA9541BS/01 Datasheet HTML 34Page - NXP Semiconductors PCA9541BS/01 Datasheet HTML 35Page - NXP Semiconductors PCA9541BS/01 Datasheet HTML 36Page - NXP Semiconductors PCA9541BS/01 Datasheet HTML 37Page - NXP Semiconductors PCA9541BS/01 Datasheet HTML 38Page - NXP Semiconductors PCA9541BS/01 Datasheet HTML 39Page - NXP Semiconductors PCA9541BS/01 Datasheet HTML 40Page - NXP Semiconductors PCA9541BS/01 Datasheet HTML 41Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
PCA9541_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 2 July 2009
39 of 41
NXP Semiconductors
PCA9541
2-to-1 I2C-bus master selector with interrupt logic and reset
18. Revision history
Table 21.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCA9541_7
20090702
Product data sheet
-
PCA9541_6
Modifications:
• Type numbers PCA9541D//02, PCA9541PW/02 and PCA9541BS/02 are withdrawn; this affects:
– Section 1 “General description”, 2nd paragraph modified; (old) 11th paragraph deleted
– Section 2 “Features”, (old) 4th bullet item deleted
– Table 1 “Ordering information” modified
– Table 2 “Marking codes” modified
– Figure 2, Figure 3 and Figure 4 modified
– Table 6 “Register 0 - Interrupt Enable (IE) register bit description”, Table note [1] modified
– Table 8 “Register 1 - Control Register (B1:B0 = 01b) bit description”, Table note [1] modified
– Table 11 “Default Control Register values” modified
– Table 14 “Register 2 - Interrupt Status (ISTAT) register bit description”, Table note [1] modified
– Section 8.5 “Power-on reset”, (old) 2nd bullet item deleted
– Section 8.6 “External reset”, (old) 2nd bullet item deleted
– Section 10.2 “High reliability systems”, 1st paragraph modified
• (Old) Table 16 “Static characteristics (2.3 V to 3.6 V)” and (old) Table 17 “Static characteristics
(3.6 V to 5.5 V)” are merged.
• Table 16 “Static characteristics”, sub-section “Supply”:
– Istb (Typ) at condition VDD = 2.3 V to 3.6 V changed from “10 µA” to “30 µA”
– Istb (Max) at condition VDD = 2.3 V to 3.6 V changed from “100 µA” to “80 µA”
– Istb (Typ) at condition VDD = 3.6 V to 5.5 V changed from “10 µA” to “40 µA”
– Istb (Max) at condition VDD = 3.6 V to 5.5 V changed from “200 µA” to “100 µA”
• Table 16 “Static characteristics”, sub-section “Input SCL_MSTn; input/output SDA_MSTn
(upstream and downstream channels):
– for condition VDD = 3.6 V to 5.5 V, deleted IIL and IIH specifications (was in old Table 17)
• Table 16 “Static characteristics”, sub-section “Select inputs A0 to A3, INT_IN, RESET”:
– for condition VDD = 3.6 V to 5.5 V, ILI (Max) changed from “+50 µA” to “+1 µA” (from old
Table 17)
• Table 16 “Static characteristics”, sub-section “Pass gate”:
– for condition VDD = 3.6 V to 5.5 V, IL (Max) changed from +100 µA to +1 µA (was in old
Table 17)
• Figure 25 “Definition of RESET timing” modified:
– changed signal name from “LEDx” to “INTn”
– deleted “LED off”
PCA9541_6
20080911
Product data sheet
-
PCA9541_5
PCA9541_5
20071001
Product data sheet
-
PCA9541_4
PCA9541_4
20060104
Product data sheet
-
PCA9541_3
PCA9541_3
(9397 750 14746)
20050713
Product data sheet
-
PCA9541_2
PCA9541_2
(9397 750 13629)
20041001
Product data sheet
-
PCA9541_1
PCA9541_1
(9397 750 12453)
20031202
Product data sheet
853-2436
01-A14594
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com