Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA9541BS/01 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9541BS/01
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541BS/01 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9541BS/01 Datasheet HTML 3Page - NXP Semiconductors PCA9541BS/01 Datasheet HTML 4Page - NXP Semiconductors PCA9541BS/01 Datasheet HTML 5Page - NXP Semiconductors PCA9541BS/01 Datasheet HTML 6Page - NXP Semiconductors PCA9541BS/01 Datasheet HTML 7Page - NXP Semiconductors PCA9541BS/01 Datasheet HTML 8Page - NXP Semiconductors PCA9541BS/01 Datasheet HTML 9Page - NXP Semiconductors PCA9541BS/01 Datasheet HTML 10Page - NXP Semiconductors PCA9541BS/01 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
PCA9541_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 2 July 2009
7 of 41
NXP Semiconductors
PCA9541
2-to-1 I2C-bus master selector with interrupt logic and reset
8.
Functional description
Refer to Figure 1 “Block diagram of PCA9541”.
8.1 Device address
Following a START condition, the upstream master that wants to control the I2C-bus or
make a status check must send the address of the slave it is accessing. The slave
address of the PCA9541 is shown in Figure 5. To conserve power, no internal pull-up
resistors are incorporated on the hardware selectable pins and they must be pulled HIGH
or LOW.
The last bit of the slave address defines the operation to be performed. When set to
logic 1 a read is selected, while logic 0 selects a write operation.
Remark: Reserved I2C-bus addresses must be used with caution since they can interfere
with:
• ‘reserved for future use’ I2C-bus addresses (1111 1XX)
• slave devices that use the 10-bit addressing scheme (1111 0XX)
8.2 Command Code
Following the successful acknowledgement of the slave address, the bus master will send
a byte to the PCA9541, which will be stored in the Command Code register.
The 2 LSBs are used as a pointer to determine which register will be accessed.
If the auto-increment flag is set (AI = 1), the two least significant bits of the Command
Code are automatically incremented after a byte has been read or written. This allows the
user to program the registers sequentially or to read them sequentially.
• During a read operation, the contents of these bits will roll over to 00b after the last
allowed register is accessed (10b).
Fig 5.
Slave address
002aab390
1
1
1
A3
A2
A1
A0 R/W
fixed
hardware
selectable
Fig 6.
Command Code
002aab391
0
0
0
AI
0
0
B1
B0
register number
auto-increment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com