| Electronic Components Datasheet Search |
|
PCA9541BS/01 Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9541BS/01 Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 41 page ![]() PCA9541_7 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 07 — 2 July 2009 13 of 41 NXP Semiconductors PCA9541 2-to-1 I2C-bus master selector with interrupt logic and reset Table 12 describes which command needs to be written to the Control Register when a master device wants to take control of the I2C-bus. Byte written to the Control Register is a function of the current I2C-bus control status performed after an initial reading of the Control Register. Current status of the I2C-bus is determined by the bits MYBUS, NMYBUS, BUSON and NBUSON is one of the following: • The master reading its Control Register does not have control and the I2C-bus is off. • The master reading its Control Register does not have control and the I2C-bus is on. • The master reading its Control Register has control and the I2C-bus is off. • The master reading its Control Register has control and the I2C-bus is on. ‘I2C-bus off’ means that upstream and downstream channels are not connected together. ‘I2C-bus on’ means that upstream and downstream channels are connected together. Remark: Only the 4 LSBs of the Control Register are described in Table 12 since only those bits control the I2C-bus control. The logic value for the 4 MSBs is specific to the application and are not discussed in the table. The read sequence is performed by the master as: S - 111xxxx0 - 000x0001 - Sr - 111xxxx1 - DataRead - P The write sequence is performed by the master as: S - 111xxxx0 - 000x0001 - DataWritten - P Table 11. Default Control Register values Type version Master Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 NTESTON TESTON not used BUSINIT NBUSON BUSON NMYBUS MYBUS PCA9541/01 MST_0 0 0 0 0 0 1 0 0 MST_1 0 0 0 0 1 0 1 0 PCA9541/03 MST_0 0 0 0 0 0 0 0 0 MST_1 0 0 0 0 0 0 1 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |