Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82K75REW Datasheet(PDF) 50 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 50 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 46Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 47Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 48Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 49Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 50Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 51Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 52Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 53Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 54Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
50
June 11, 2010
Auto Acknowledgement
The RXMAC supports automatically acknowledgement.
If and only if the packet is successfully received and an
Ack-Request bit, Bit 0, in the FC field of the received
packet is set, RXMAC informs TXMAC to send an ac-
knowledgement packet automatically. User should write
the FC field correctly into the TX FIFO.
If an acknowledgement is requested and the replied
ACK frame is not received, the transmitter automatically
resends the packet until the maximum retransmission
times, specified in SREG0x1B [7:4], are reached. To uti-
lize the function properly, the corresponding registers of
both transmitting and receiving sides need to be set cor-
rectly.
· Auto-retransmission on TX Side
To automatically retransmit a packet when an ACK is
not received, SREG0x1B [2] is required to be set to
²1².
· Auto-acknowledgement on RX Side
To automatically reply an ACK packet when
Ack-Request bit is set to
²1², SREG0x00 [5] should be
set to
²0².



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com