Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82K75REW Datasheet(PDF) 68 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 68 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 64Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 65Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 66Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 67Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 68Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 69Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 70Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 71Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 72Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
68
June 11, 2010
· SREG0x1B - TXTRIG: Transmit FIFO Control Register
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
TXRTYN3
TXRTYN2
TXRTYN1
TXRTYN0
¾
TXACKREQ
¾
TXTRIG
Type
R/W
R/W
R/W
R/W
R
R/W
R
WT
POR
00110
0
00
Bit 7-4
TXRTYN [3:0]: Maximum TX Retry Times
0000: 0
:
0011: 3 (default)
:
0101: 15
Bit 3
Reserved: maintain as
²0b0²
Bit 2
TXACKREQ: TX FIFO Acknowledge Request bit
1: acknowledgement packet requested
0: no acknowledgement packet requested (default)
Transmit a packet with Acknowledgement request. If Acknowledgement is not received,
the RF Transceiver retransmits up to xx times.
Bit 1
Reserved: maintain as
²0b0²
Bit 0
TXTRIG: Transmit Trigger bit
1: Transmit Frame in TX FIFO. Bit is automatically cleared to
²0² by hardware.
· SREG0x22 - WAKECTL: Wake-up Control Register
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
IMMWAKE REGWAKE
¾¾¾¾¾¾
Type
R/W
WT
RRRRRR
POR
01000000
Bit 7
IMMWAKE: Immediate Wake-up Mode Enable bit
1: enable immediate Wake-up Mode
0: disable immediate Wake-up Mode (default)
Bit 6
REGWAKE: Register Triggered Wake-up bit
1: To wake the RF Transceiver up. Bit is automatically to
²0² by hardware.
Bit 5~0
Reserved: maintain as
²0b000000²
· SREG0x24 - TXSR: TX Status Register
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
TXRETRY3 TXRETRY2 TXRETRY1 TXRETRY0
¾¾¾
TXNX
Type
RRRRRRRR
POR
00000000
Bit 7-4
TXRETRY [3:0]: TXFIFO Retry Times
0000: 0 (default)
:
0101: 15
TXRETRY indicates the maximum number of retries of the most recent TXFIFO transmission.
Bit 3-1
Reserved: maintain as
²0b000²
Bit 0
TXNX: TXFIFO Normal Release Status
1: Fail, retry count exceed
0: Succeeded (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com