Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8308VMAGDA Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC8308VMAGDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308VMAGDA Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC8308VMAGDA Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
Freescale Semiconductor
37
PCI Express
Maximum time to
transition to a valid
electrical idle after
sending an electrical idle
ordered set
TTX-IDLE-SET-TO-I
DLE
After sending an Electrical
Idle ordered set, the
Transmitter must meet all
Electrical Idle
Specifications within this
time. This is considered a
debounce time for the
Transmitter to meet
Electrical Idle after
transitioning from L0.
——
20
UI
—
Maximum time to
transition to valid TX
specifications after leaving
an electrical idle condition
TTX-IDLE-TO-DIFF-
DATA
Maximum time to meet all
TX specifications when
transitioning from
Electrical Idle to sending
differential data. This is
considered a debounce
time for the TX to meet all
TX specifications after
leaving Electrical Idle
——
20
UI
—
Differential return loss
RLTX-DIFF
Measured over 50 MHz to
1.25 GHz.
12
—
—
dB
4
Common mode return
loss
RLTX-CM
Measured over 50 MHz to
1.25 GHz.
6—
—
dB
4
DC differential TX
impedance
ZTX-DIFF-DC
TX DC Differential mode
Low Impedance
80
100
120
Ω
—
Transmitter DC
impedance
ZTX-DC
Required TX D+ as well as
D- DC Impedance during
all states
40
—
—
Ω
—
Lane-to-Lane output skew
LTX-SKEW
Static skew between any
two Transmitter Lanes
within a single Link
—
—
500 + 2
UI
ps
—
AC coupling capacitor
CTX
All Transmitters shall be
AC coupled. The AC
coupling is required either
within the media or within
the transmitting
component itself. An
external capacitor of
100nF is recommended.
75
—
200
nF
—
Table 34. Differential Transmitter (TX) Output Specifications (continued)
Parameter
Symbol
Comments
Min
Typical
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com