Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8308VMAGDA Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC8308VMAGDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308VMAGDA Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC8308VMAGDA Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
60
Freescale Semiconductor
IPIC
18 IPIC
This section describes the DC and AC electrical specifications for the external interrupt pins.
18.1
IPIC DC Electrical Characteristics
Table 49 provides the DC electrical characteristics for the external interrupt pins.
18.2
IPIC AC Timing Specifications
Table 50 provides the IPIC input and output AC timing specifications.
19 SPI
This section describes the DC and AC electrical specifications for the SPI of the device.
19.1
SPI DC Electrical Characteristics
Table 51 provides the DC electrical characteristics for the MPC8308 SPI.
Table 49. IPIC DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
—2.1
NVDD +0.3
V
Input low voltage
VIL
—
–0.3
0.8
V
Input current
IIN
——
±5
μA
Output high voltage
VOH
IOH = –8.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Table 50. IPIC Input AC Timing Specifications
Characteristic
Symbol1
Min
Unit
IPIC inputs—minimum pulse width
tPIWID
20
ns
Notes:
1. IPIC inputs and outputs are asynchronous to any visible clock. IPIC outputs should be synchronized
before use by any external synchronous logic. IPIC inputs are required to be valid for at least tPIWID ns
to ensure proper operation when working in edge triggered mode.
Table 51. SPI DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
—2.1
NVDD +0.3
V
Input low voltage
VIL
—–0.3
0.8
V
Input current
IIN
0 V
≤ V
IN ≤ NVDD
—
± 5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com