Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8308VMAGDA Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MPC8308VMAGDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308VMAGDA Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPC8308VMAGDA Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
Freescale Semiconductor
43
Enhanced Local Bus
Figure 29. Compliance Test/Measurement Load
12 Enhanced Local Bus
This section describes the DC and AC electrical specifications for the enhanced local bus interface.
12.1
Enhanced Local Bus DC Electrical Characteristics
Table 36 provides the DC electrical characteristics for the local bus interface.
Note: The parameters stated in above table are valid for all revisions unless explicitly mentioned.
12.2
Enhanced Local Bus AC Electrical Specifications
Table 37 describes the general timing parameters of the local bus interface.
Table 36. Local Bus DC Electrical Characteristics at 3.3 V
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2.0
NVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current, (VIN
1 = 0 V or V
IN = LVDD)IIN
—
±5
μA
High-level output voltage, (LVDD = min, IOH = –2 mA)
VOH
NVDD – 0.2
—
V
Low-level output voltage, (LVDD = min, IOH = 2 mA)
VOL
—0.2
V
Table 37. Local Bus General Timing Parameters
Parameter
Symbol 1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
15
—
ns
2
Input setup to local bus clock (Note: to be revisited)
tLBIVKH
7
—
ns
3, 4
Input hold from local bus clock (Note: to be revisited)
tLBIXKH
1
—
ns
3, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com