Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4902T-E/SL Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP4902T-E/SL
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4902T-E/SL Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP4902T-E/SL Datasheet HTML 24Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 25Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 26Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 27Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 28Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 29Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 30Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 31Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
MCP4902/4912/4922
DS22250A-page 28
 2010 Microchip Technology Inc.
6.4
Single-Supply Operation
The MCP4902/4912/4922 family of devices are rail-to-
rail voltage output DAC devices designed to operate
with a VDD range of 2.7V to 5.5V. Its output amplifier is
robust enough to drive small-signal loads directly.
Therefore, it does not require any external output buffer
for most applications.
6.4.1
DC SET POINT OR CALIBRATION
A common application for the DAC devices is
digitally-controlled set points and/or calibration of
variable parameters, such as sensor offset or slope.
For example, the MCP4922 provides 4096 output
steps. If the external voltage reference (VREF) is
4.096V, the LSb size is 1 mV. If a smaller output step
size is desired, a lower external voltage reference is
needed.
6.4.1.1
Decreasing Output Step Size
If the application is calibrating the bias voltage of a
diode or transistor, a bias voltage range of 0.8V may be
desired with about 200 µV resolution per step. Two
common methods to achieve a 0.8V range is to either
reduce VREF to 0.82V or use a voltage divider on the
DAC’s output.
Using a VREF is an option if the VREF is available with
the
desired
output
voltage
range.
However,
occasionally, when using a low-voltage VREF, the noise
floor causes SNR error that is intolerable. Using a
voltage divider method is another option and provides
some advantages when VREF needs to be very low or
when the desired output voltage is not available. In this
case, a larger value VREF is used while two resistors
scale the output range down to the precise desired
level.
Example 6-1 illustrates this concept. Note that the
bypass capacitor on the output of the voltage divider
plays a critical function in attenuating the output noise
of the DAC and the induced noise from the
environment.
EXAMPLE 6-1:
EXAMPLE CIRCUIT OF SET POINT OR THRESHOLD CALIBRATION
VDD
SPI
3-wire
VTRIP
R1
R2
0.1 uF
Comparator
G = Gain selection (1x or 2x)
Dn = Digital value of DAC (0-255) for MCP4901/MCP4902
VOUT
VREF G
Dn
2
N
------

=
VCC+
VCC–
VOUT
Vtrip
VOUT
R2
R1 R2
+
--------------------



=
VDD
RSENSE
DAC
= Digital value of DAC (0-1023) for MCP4911/MCP4912
= Digital value of DAC (0-4095) for MCP4921/MCP4922
N = DAC Bit Resolution
VREF
VO
MCP4901
MCP4911
MCP4921
(a) Single Output DAC:
(b) Dual Output DAC:
MCP4902
MCP4912
MCP4922



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com