Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4902T-E/SL Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP4902T-E/SL
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4902T-E/SL Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP4902T-E/SL Datasheet HTML 29Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 30Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 31Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 32Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 33Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 34Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 35Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 36Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
 2010 Microchip Technology Inc.
DS22250A-page 33
MCP4902/4912/4922
6.8
Building Programmable Current
Source
Example 6-6 shows an example for building a
programmable current source using a voltage follower.
The current sensor (sensor resistor) is used to convert
the DAC voltage output into a digitally-selectable
current source.
Adding the resistor network from Example 6-2 would
be advantageous in this application. The smaller Rsense
is, the less power dissipated across it. However, this
also reduces the resolution that the current can be
controlled with. The voltage divider, or “window”, DAC
configuration would allow the range to be reduced, thus
increasing resolution around the range of interest.
When working with very small sensor voltages, plan on
eliminating the amplifier’s offset error by storing the
DAC’s setting under known sensor conditions.
EXAMPLE 6-6:
DIGITALLY-CONTROLLED CURRENT SOURCE
DAC
RSENSE
Ib
Load
IL
VDD
SPI
3-wire
VCC+
VCC–
VOUT
IL
VOUT
Rsense
---------------
 1
+
------------
=
Ib
IL
----
=
G = Gain select (1x or 2x)
Dn = Digital value of DAC (0-255) for MCP4901/MCP4902
VOUT
VREF G
Dn
2
N
------

=
= Digital value of DAC (0-1023) for MCP4911/MCP4912
= Digital value of DAC (0-4095) for MCP4921/MCP4922
N = DAC Bit Resolution
Common-Emitter Current Gain
where
VREF
VDD or VREF
MCP4901
MCP4911
MCP4921
(a) Single Output DAC:
(b) Dual Output DAC:
MCP4902
MCP4912
MCP4922



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com