Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4902T-E/SL Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP4902T-E/SL
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4902T-E/SL Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP4902T-E/SL Datasheet HTML 40Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 41Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 42Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 43Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 44Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 45Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 46Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 47Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 48Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
 2010 Microchip Technology Inc.
DS22250A-page 45
MCP4902/4912/4922
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP4902:
Dual 8-Bit Voltage Output DAC
MCP4902T: Dual 8-Bit Voltage Output DAC
(Tape and Reel)
MCP4912:
Dual 10-Bit Voltage Output DAC
MCP4912T: Dual 10-Bit Voltage Output DAC
(Tape and Reel)
MCP4922:
Dual 12-Bit Voltage Output DAC
MCP4922T: Dual 12-Bit Voltage Output DAC
(Tape and Reel)
Temperature
Range:
E= -40
C to +125C
(Extended)
Package:
P
=
14-Lead Plastic Dual In-Line (PDIP)
SL
=
14-Lead Plastic Small Outline - Narrow (SOIC)
ST
=
14-Lead Plastic Think Shrink Small Outline
(TSSOP)
Examples:
a)
MCP4902-E/P:
Extended temperature,
PDIP package.
b)
MCP4902-E/SL: Extended temperature,
SOIC package.
c)
MCP4902T-E/SL: Extended temperature,
SOIC package, Tape
and Reel
d)
MCP4902-E/ST: Extended temperature,
TSSOP package.
e)
MCP4902T-E/ST: Extended temperature,
TSSOP package, Tape
and Reel
f)
MCP4912-E/P:
Extended temperature,
PDIP package.
g)
MCP4912-E/SL:
Extended temperature,
SOIC package.
h)
MCP4912T-E/SL:
Extended temperature,
SOIC package, Tape
and Reel
i)
MCP4912-E/ST: Extended temperature,
TSSOP package.
j)
MCP4912T-E/ST: Extended temperature,
TSSOP package, Tape
and Reel
k)
MCP4922-E/P:
Extended temperature,
PDIP package.
l)
MCP4922-E/SL:
Extended temperature,
SOIC package.
m) MCP4922T-E/SL: Extended temperature,
SOIC package, Tape
and Reel
n)
MCP4922-E/ST: Extended temperature,
TSSOP package.
o)
MCP4922T-E/ST: Extended temperature,
TSSOP package, Tape
and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com