Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F707-E/ML Datasheet(PDF) 54 Page - Microchip Technology

Part # PIC16F707-E/ML
Description  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707-E/ML Datasheet(HTML) 54 Page - Microchip Technology

Back Button PIC16F707-E/ML Datasheet HTML 50Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 51Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 52Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 53Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 54Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 55Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 56Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 57Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 284 page
background image
PIC16F707/PIC16LF707
DS41418A-page 54
Preliminary
 2010 Microchip Technology Inc.
6.2.2.4
RA3/AN3/VREF+/CPSA2
The RA3 pin is configurable to function as one of the
following:
• General purpose I/O
• Analog input for the A/D
• Voltage Reference input for the A/D
• Capacitive sensing input
6.2.2.5
RA4/CPSA3/T0CKI/TACKI
The RA4 pin is configurable to function as one of the
following:
• General purpose I/O
• Capacitive sensing input
• Clock input for Timer0
• Clock input for TimerA
The Timer0 clock input function works independently
of any TRIS register setting. Effectively, if TRISA4 = 0,
the PORTA4 register bit will output to the pad and
clock Timer0 at the same time.
6.2.2.6
RA5/AN4/CPSA4/SS/VCAP
The RA5 pin is configurable to function as one of the
following:
• General purpose I/O
• Capacitive sensing input
• Analog input for the A/D
• Slave Select input for the SSP(1)
• Voltage Regulator Capacitor pin (PIC16F707
only)
6.2.2.7
RA6/CPSB1/OSC2/CLKOUT/VCAP
The RA6 pin is configurable to function as one of the
following:
• General purpose I/O
• Crystal/resonator connection
• Clock Output
• Voltage Regulator Capacitor pin (PIC16F707
only)
• Capacitive sensing input
6.2.2.8
RA7/CPSB0/OSC1/CLKIN
The RA7 pin is configurable to function as one of the
following:
• General purpose I/O
• Crystal/resonator connection
• Clock Input
• Capacitive sensing input.
Note 1: SS pin location may be selected as RA5
or RA0.
TABLE 6-1:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
ADCON0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
--00 0000
--00 0000
ADCON1
—
ADCS2
ADCS1
ADCS0
—
—
ADREF1
ADREF0
-000 --00
-000 --00
ANSELA
ANSA7
ANSA6
ANSA5
ANSA4
ANSA3
ANSA2
ANSA1
ANSA0
1111 1111
1111 1111
APFCON
—
—
—
—
—
—
SSSEL
CCP2SEL
---- --00
---- --00
CPSACON0
CPSAON
CPSARM
—
—
CPSARNG1
CPSARNG0
CPSAOUT
TAXCS
00-- 0000
00-- 0000
CPSACON1
—
—
—
—
CPSACH3
CPSACH2
CPSACH1 CPSACH0
---- 0000
---- 0000
CPSBCON0
CPSBON
CPSBRM
—
—
CPSBRNG1
CPSBRNG0
CPSBOUT
TBXCS
00-- 0000
00-- 0000
CPSBCON1
—
—
—
—
CPSBCH3
CPSBCH2
CPSBCH1 CPSBCH0
---- 0000
---- 0000
CONFIG2(1)
—
—
VCAPEN1 VCAPEN0
—
—
—
—
——
OPTION_REG
RBPU
INTEDG
TMR0CS TMR0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
PORTA
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
xxxx xxxx
xxxx xxxx
SSPCON
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
0000 0000
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
1111 1111
1111 1111
TACON
TMRAON
—
TACS
TASE
TAPSA
TAPS2
TAPS1
TAPS0
0-00 0000
0-00 0000
DACCON0
DACEN
DACLPS
DACOE
—
DACPSS1
DACPSS0
—
—
000- 00--
000- 00--
Legend:
x = unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTA.
Note
1:
PIC16F707 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com