| Electronic Components Datasheet Search |
|
PIC16F707-E/ML Datasheet(PDF) 117 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F707-E/ML Datasheet(HTML) 117 Page - Microchip Technology |
|
117 / 284 page ![]() 2010 Microchip Technology Inc. Preliminary DS41418A-page 117 PIC16F707/PIC16LF707 16.0 CAPACITIVE SENSING MODULE The capacitive sensing modules (CSM) allow for an interaction with an end user without a mechanical interface. In a typical application, the capacitive sensing module is attached to a pad on a Printed Circuit Board (PCB), which is electrically isolated from the end user. When the end user places their finger over the PCB pad, a capacitive load is added, causing a frequency shift in the capacitive sensing module. The capacitive sensing module requires software and at least one timer resource to determine the change in frequency. Key features of this module include: • Analog MUX for monitoring multiple inputs • Capacitive sensing oscillator • Multiple Power modes • High power range with variable voltage references • Multiple timer resources • Software control • Operation during sleep • Acquire two samples simultaneously (when using both CSM modules) Two identical capacitive sensing modules are implemented on the PIC16F707/PIC16LF707. The modules are named CPSA and CPSB. The timer module integration for both capacitive sensing modules is shown in Table 16-1. A block diagram of the capacitive sensing module is shown in Figure 16-1 and Figure 16-2. TABLE 16-1: CPSOSC TIMER USAGE Cap Sense Oscillator Mode Frequency Measurement Duration Control Cap Sense Oscillator A TimerA/Software TimerA Software Timer1/Software Timer1 Software Timer1/TimerA Timer1 TimerA Cap Sense Oscillator B TimerB/Software TimerB Software Timer3/Software Timer3 Software Timer3/TimerB Timer3 TimerB |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |