Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F630-E/ST Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC16F630-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F630-E/ST Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC16F630-E/ST Datasheet HTML 37Page - Microchip Technology PIC16F630-E/ST Datasheet HTML 38Page - Microchip Technology PIC16F630-E/ST Datasheet HTML 39Page - Microchip Technology PIC16F630-E/ST Datasheet HTML 40Page - Microchip Technology PIC16F630-E/ST Datasheet HTML 41Page - Microchip Technology PIC16F630-E/ST Datasheet HTML 42Page - Microchip Technology PIC16F630-E/ST Datasheet HTML 43Page - Microchip Technology PIC16F630-E/ST Datasheet HTML 44Page - Microchip Technology PIC16F630-E/ST Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 132 page
background image
 2010 Microchip Technology Inc.
DS40039F-page 41
PIC16F630/676
6.2
Comparator Configuration
There are eight modes of operation for the comparator.
The CMCON register, shown in Register 6-1, is used to
select the mode. Figure 6-2 shows the eight possible
modes. The TRISA register controls the data direction
of the comparator pins for each mode. If the
Comparator mode is changed, the comparator output
level may not be valid for a specified period of time.
Refer to the specifications in Section 12.0 “Electri-
cal Specifications”.
FIGURE 6-2:
COMPARATOR I/O OPERATING MODES
Note:
Comparator interrupts should be disabled
during a Comparator mode change. Other-
wise, a false interrupt may occur.
Comparator Reset (POR Default Value – low power)
Comparator Off (Lowest power)
CM2:CM0 = 000
CM2:CM0 = 111
Comparator without Output
Comparator w/o Output and with Internal Reference
CM2:CM0 = 010
CM2:CM0 = 100
Comparator with Output and Internal Reference
Multiplexed Input with Internal Reference and Output
CM2:CM0 = 011
CM2:CM0 = 101
Comparator with Output
Multiplexed Input with Internal Reference
CM2:CM0 = 001
CM2:CM0 = 110
A = Analog Input, ports always reads ‘0’
D = Digital Input
CIS = Comparator Input Switch (CMCON<3>)
RA1/CIN-
RA0/CIN+
Off (Read as ‘0’)
A
A
RA2/COUT
D
RA1/CIN-
RA0/CIN+
Off (Read as ‘0’)
D
D
RA2/COUT
D
RA1/CIN-
RA0/CIN+
COUT
A
A
RA2/COUT
D
RA1/CIN-
RA0/CIN+
COUT
A
D
RA2/COUT
D
From CVREF Module
RA1/CIN-
RA0/CIN+
COUT
A
D
RA2/COUT
D
From CVREF Module
RA1/CIN-
RA0/CIN+
COUT
A
A
RA2/COUT
D
From CVREF Module
CIS = 0
CIS = 1
RA1/CIN-
RA0/CIN+
COUT
A
A
RA2/COUT
D
RA1/CIN-
RA0/CIN+
COUT
A
A
RA2/COUT
D
From CVREF Module
CIS = 0
CIS = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com