| Electronic Components Datasheet Search |
|
PIC16F630-E/ST Datasheet(PDF) 96 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F630-E/ST Datasheet(HTML) 96 Page - Microchip Technology |
|
96 / 132 page ![]() PIC16F630/676 DS40039F-page 96 2010 Microchip Technology Inc. 12.9 AC CHARACTERISTICS: PIC16F630/676 (INDUSTRIAL, EXTENDED) FIGURE 12-5: EXTERNAL CLOCK TIMING TABLE 12-1: EXTERNAL CLOCK TIMING REQUIREMENTS Param No. Sym Characteristic Min Typ† Max Units Conditions FOSC External CLKIN Frequency(1) DC — 37 kHz LP Osc mode DC — 4 MHz XT mode DC — 20 MHz HS mode DC — 20 MHz EC mode Oscillator Frequency(1) 5 — 37 kHz LP Osc mode —4 — MHz INTOSC mode DC — 4 MHz RC Osc mode 0.1 — 4 MHz XT Osc mode 1— 20 MHz HS Osc mode 1TOSC External CLKIN Period(1) 27 — sLP Osc mode 50 — ns HS Osc mode 50 — ns EC Osc mode 250 — ns XT Osc mode Oscillator Period(1) 27 200 sLP Osc mode —250 — ns INTOSC mode 250 — — ns RC Osc mode 250 — 10,000 ns XT Osc mode 50 — 1,000 ns HS Osc mode 2TCY Instruction Cycle Time(1) 200 TCY DC ns TCY = 4/FOSC 3 TosL, TosH External CLKIN (OSC1) High External CLKIN Low 2* — — sLP oscillator, TOSC L/H duty cycle 20* — — ns HS oscillator, TOSC L/H duty cycle 100 * — — ns XT oscillator, TOSC L/H duty cycle 4TosR, TosF External CLKIN Rise External CLKIN Fall — — 50* ns LP oscillator — — 25* ns XT oscillator — — 15* ns HS oscillator * These parameters are characterized but not tested. † Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not tested. Note 1: Instruction cycle period (TCY) equals four times the input oscillator time-base period. All specified values are based on characterization data for that particular oscillator type under standard operating conditions with the device executing code. Exceeding these specified limits may result in an unstable oscillator operation and/or higher than expected current consumption. All devices are tested to operate at “min” values with an external clock applied to OSC1 pin. When an external clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices. OSC1 CLKOUT Q4 Q1 Q2 Q3 Q4 Q1 1 2 3 3 4 4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |