Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F630-E/ST Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16F630-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F630-E/ST Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16F630-E/ST Datasheet HTML 7Page - Microchip Technology PIC16F630-E/ST Datasheet HTML 8Page - Microchip Technology PIC16F630-E/ST Datasheet HTML 9Page - Microchip Technology PIC16F630-E/ST Datasheet HTML 10Page - Microchip Technology PIC16F630-E/ST Datasheet HTML 11Page - Microchip Technology PIC16F630-E/ST Datasheet HTML 12Page - Microchip Technology PIC16F630-E/ST Datasheet HTML 13Page - Microchip Technology PIC16F630-E/ST Datasheet HTML 14Page - Microchip Technology PIC16F630-E/ST Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
 2010 Microchip Technology Inc.
DS40039F-page 11
PIC16F630/676
TABLE 2-1:
PIC16F630/676 SPECIAL REGISTERS SUMMARY BANK 0
Addr
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2
Bit 1Bit 0
Value on
POR,
BOD
Page
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
20,63
01h
TMR0
Timer0 Module’s Register
xxxx xxxx
31
02h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
19
03h
STATUS
IRP(2)
RP1(2)
RP0
TO
PD
ZDC
C
0001 1xxx
13
04h
FSR
Indirect data memory Address Pointer
xxxx xxxx
20
05h
PORTA
—
—
I/O Control Registers
--xx xxxx
21
06h
—
Unimplemented
—
—
07h
PORTC
—
—
I/O Control Registers
--xx xxxx
28
08h
—
Unimplemented
—
—
09h
—
Unimplemented
—
—
0Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of program counter
---0 0000
19
0Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000
15
0Ch
PIR1
EEIF
ADIF
—
—CMIF
—
—TMR1IF
00-- 0--0
17
0Dh
—
Unimplemented
—
—
0Eh
TMR1L
Holding register for the Least Significant Byte of the 16-bit TMR1
xxxx xxxx
34
0Fh
TMR1H
Holding register for the Most Significant Byte of the 16-bit TMR1
xxxx xxxx
34
10h
T1CON
—
T1GE
T1CKPS1
T1CKPS0 T1OSCEN
T1SYNC
TMR1CS
TMR1ON
-000 0000
36
11h
—
Unimplemented
—
—
12h
—
Unimplemented
—
—
13h
—
Unimplemented
—
—
14h
—
Unimplemented
—
—
15h
—
Unimplemented
—
—
16h
—
Unimplemented
—
—
17h
—
Unimplemented
—
—
18h
—
Unimplemented
—
—
19h
CMCON
—COUT
—
CINV
CIS
CM2
CM1
CM0
-0-0 0000
39
1Ah
—
Unimplemented
—
—
1Bh
—
Unimplemented
—
—
1Ch
—
Unimplemented
—
—
1Dh
—
Unimplemented
—
—
1Eh
ADRESH(3) Most Significant 8 bits of the left shifted A/D result or 2 bits of right shifted result
xxxx xxxx
46
1Fh
ADCON0(3)
ADFM
VCFG
—
CHS2
CHS1
CHS0
GO/DONE
ADON
00-0 0000
47,63
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition shaded = unimplemented
Note 1:
Other (non Power-up) Resets include MCLR Reset, Brown-out Detect and Watchdog Timer Reset during normal operation.
2:
IRP and RP1 bits are reserved, always maintain these bits clear.
3:
PIC16F676 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com