Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1826-E/ML Datasheet(PDF) 122 Page - Microchip Technology

Part # PIC16F1826-E/ML
Description  18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1826-E/ML Datasheet(HTML) 122 Page - Microchip Technology

Back Button PIC16F1826-E/ML Datasheet HTML 118Page - Microchip Technology PIC16F1826-E/ML Datasheet HTML 119Page - Microchip Technology PIC16F1826-E/ML Datasheet HTML 120Page - Microchip Technology PIC16F1826-E/ML Datasheet HTML 121Page - Microchip Technology PIC16F1826-E/ML Datasheet HTML 122Page - Microchip Technology PIC16F1826-E/ML Datasheet HTML 123Page - Microchip Technology PIC16F1826-E/ML Datasheet HTML 124Page - Microchip Technology PIC16F1826-E/ML Datasheet HTML 125Page - Microchip Technology PIC16F1826-E/ML Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 406 page
background image
PIC16F/LF1826/27
DS41391C-page 122
Preliminary
 2010 Microchip Technology Inc.
REGISTER 12-1:
APFCON0: ALTERNATE PIN FUNCTION CONTROL REGISTER 0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
RXDTSEL
SDO1SEL
SS1SEL
P2BSEL(1)
CCP2SEL(1)
P1DSEL
P1CSEL
CCP1SEL
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
RXDTSEL: Pin Selection bit
0 = RX/DT function is on RB1
1 = RX/DT function is on RB2
bit 6
SDO1SEL: Pin Selection bit
0 = SDO1 function is on RB2
1 = SDO1 function is on RA6
bit 5
SS1SEL: Pin Selection bit
0 = SS1 function is on RB5
1 = SS1 function is on RA5
bit 4
P2BSEL: Pin Selection bit
0 = P2B function is on RB7
1 = P2B function is on RA6
bit 3
CCP2SEL: Pin Selection bit
0 = CCP2/P2A function is on RB6
1 = CCP2/P2A function is on RA7
bit 2
P1DSEL: Pin Selection bit
0 = P1D function is on RB7
1 = P1D function is on RA6
bit 1
P1CSEL: Pin Selection bit
0 = P1C function is on RB6
1 = P1C function is on RA7
bit 0
CCP1SEL: Pin Selection bit
0 = CCP1/P1A function is on RB3
1 = CCP1/P1A function is on RB0
Note 1:
PIC16F/LF1827 only.
REGISTER 12-2:
APFCON1: ALTERNATE PIN FUNCTION CONTROL REGISTER 1
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0/0
—
—
—
—
—
—
—
TXCKSEL
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-1
Unimplemented: Read as ‘0’
bit 0
TXCKSEL: Pin Selection bit
0 = TX/CK function is on RB2
1 = TX/CK function is on RB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com