Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F14K22-E/ML Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC18F14K22-E/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F14K22-E/ML Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC18F14K22-E/ML Datasheet HTML 23Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 24Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 25Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 26Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 27Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 28Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 29Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 30Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 388 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41365D-page 27
PIC18F1XK22/LF1XK22
3.0
MEMORY ORGANIZATION
There are three types of memory in PIC18 Enhanced
microcontroller devices:
• Program Memory
• Data RAM
• Data EEPROM
As Harvard architecture devices, the data and program
memories use separate busses; this allows for concur-
rent access of the two memory spaces. The data
EEPROM, for practical purposes, can be regarded as
a peripheral device, since it is addressed and accessed
through a set of control registers.
Additional detailed information on the operation of the
Flash program memory is provided in Section 4.0
“Flash Program Memory”. Data EEPROM is
discussed separately in Section 5.0 “Data EEPROM
Memory”.
3.1
Program Memory Organization
PIC18 microcontrollers implement a 21-bit program
counter, which is capable of addressing a 2-Mbyte
Program Memory (PC) space. Accessing a location
between the upper boundary of the physically
implemented memory and the 2-Mbyte address will
return all ‘0’s (a NOP instruction).
This family of devices contain the following:
• PIC18F13K22/LF13K22: 8 Kbytes of Flash Mem-
ory, up to 4,096 single-word instructions
• PIC18F14K22/LF14K22: 16 Kbytes of Flash Mem-
ory, up to 8,192 single-word instructions
PIC18 devices have two interrupt vectors and one
Reset vector. The Reset vector address is at 0000h
and the interrupt vector addresses are at 0008h and
0018h.
The program memory map for PIC18F1XK22/
LF1XK22 devices is shown in Figure 3-1. Memory
block details are shown in Figure 22-2.
FIGURE 3-1:
PROGRAM MEMORY MAP AND STACK FOR PIC18F1XK22/LF1XK22 DEVICES
PC<20:0>
Stack Level 1
Stack Level 31
Reset Vector
Low Priority Interrupt Vector
CALL,RCALL,RETURN
RETFIE,RETLW
21
0000h
0018h
High Priority Interrupt Vector
0008h
1FFFFFh
4000h
3FFFh
200000h
On-Chip
Program Memory
Read ‘0’
1FFFh
2000h
On-Chip
Program Memory
Read ‘0’
PIC18F14K22/
LF14K22
PIC18F13K22/
LF13K22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com