Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F14K22-E/ML Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC18F14K22-E/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F14K22-E/ML Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC18F14K22-E/ML Datasheet HTML 36Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 37Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 38Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 39Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 40Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 41Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 42Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 43Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 388 page
background image
PIC18F1XK22/LF1XK22
DS41365D-page 40
Preliminary
 2010 Microchip Technology Inc.
TMR0H
Timer0 Register, High Byte
0000 0000 258, 98
TMR0L
Timer0 Register, Low Byte
xxxx xxxx 258, 98
T0CON
TMR0ON
T08BIT
T0CS
T0SE
PSA
T0PS2
T0PS1
T0PS0
1111 1111 258, 97
OSCCON
IDLEN
IRCF2
IRCF1
IRCF0
OSTS
HFIOFS
SCS1
SCS0
0011 qq00 258, 20
OSCCON2
—
—
—
—
—
PRI_SD
HFIOFL
LFIOFS
---- -10x 258, 21
WDTCON
—
—
—
—
—
—
—SWDTEN
--- ---0 258, 272
RCON
IPEN
SBOREN(1)
—RI
TO
PD
POR
BOR
0q-1 11q0
249,
256, 67
TMR1H
Timer1 Register, High Byte
xxxx xxxx 258, 101
TMR1L
Timer1 Register, Low Bytes
xxxx xxxx 258, 101
T1CON
RD16
T1RUN
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000 258, 101
TMR2
Timer2 Register
0000 0000 258, 107
PR2
Timer2 Period Register
1111 1111 258, 107
T2CON
—
T2OUTPS3 T2OUTPS2 T2OUTPS1
T2OUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000 258, 107
SSPBUF
SSP Receive Buffer/Transmit Register
xxxx xxxx
258,
136, 138
SSPADD
SSP Address Register in I2C™ Slave Mode. SSP Baud Rate Reload Register in I2C Master Mode.
0000 0000 258, 155
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
258,
136, 145
SSPCON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
258,
136, 146
SSPCON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000 258, 147
ADRESH
A/D Result Register, High Byte
xxxx xxxx 259, 207
ADRESL
A/D Result Register, Low Byte
xxxx xxxx 259, 207
ADCON0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
--00 0000 259, 213
ADCON1
—
—
—
—
PVCFG1
PVCFG0
NVCFG1
NVCFG0
---- 0000 259, 214
ADCON2
ADFM
—
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
0-00 0000 259, 215
CCPR1H
Capture/Compare/PWM Register 1, High Byte
xxxx xxxx 259, 133
CCPR1L
Capture/Compare/PWM Register 1, Low Byte
xxxx xxxx 259, 133
CCP1CON
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
0000 0000 259, 113
VREFCON2
—
—
—
DAC1R4
DAC1R3
DAC1R2
DAC1R1
DAC1R0
---0 0000 259, 246
VREFCON1
D1EN
D1LPS
DAC1OE
---
D1PSS1
D1PSS0
—
D1NSS
000- 00-0 259, 246
VREFCON0
FVR1EN
FVR1ST
FVR1S1
FVR1S0
—
—
—
—
0001 ---- 259, 245
PSTRCON
—
—
—
STRSYNC
STRD
STRC
STRB
STRA
---0 0001 259, 130
BAUDCON
ABDOVF
RCIDL
DTRXP
CKTXP
BRG16
—
WUE
ABDEN
0100 0-00 259, 190
PWM1CON
PRSEN
PDC6
PDC5
PDC4
PDC3
PDC2
PDC1
PDC0
0000 0000 259, 129
ECCP1AS
ECCPASE
ECCPAS2
ECCPAS1
ECCPAS0
PSSAC1
PSSAC0
PSSBD1
PSSBD0
0000 0000 259, 125
TMR3H
Timer3 Register, High Byte
xxxx xxxx 259, 109
TMR3L
Timer3 Register, Low Byte
xxxx xxxx 259, 109
T3CON
RD16
—
T3CKPS1
T3CKPS0
T3CCP1
T3SYNC
TMR3CS
TMR3ON
0-00 0000 259, 109
TABLE 3-2:
REGISTER FILE SUMMARY (PIC18F1XK22/LF1XK22) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on
page:
Legend:
x = unknown, u = unchanged, — = unimplemented, q = value depends on condition
Note
1:
The SBOREN bit is only available when the BOREN<1:0> Configuration bits = 01; otherwise it is disabled and reads as ‘0’. See
Section 21.4 “Brown-out Reset (BOR)”.
2:
The RA3 bit is only available when Master Clear Reset is disabled (MCLRE Configuration bit = 0). Otherwise, RA3 reads as ‘0’. This bit is
read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com