Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F14K22-E/ML Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC18F14K22-E/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F14K22-E/ML Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC18F14K22-E/ML Datasheet HTML 79Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 80Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 81Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 82Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 83Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 84Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 85Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 86Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 388 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41365D-page 83
PIC18F1XK22/LF1XK22
TABLE 8-1:
PORTA I/O SUMMARY
Pin
Function
TRIS
Setting
I/O
I/O
Type
Description
RA0/AN0/CVREF/
VREF-/C1IN+/INT0/
PGD
RA0
0
O
DIG
LATA<0> data output.
1
I
TTL
PORTA<0> data input; Programmable weak pull-up.
AN0
1
I
ANA
ADC channel 0 input.
CVREF
x
O
ANA
Comparator reference voltage output.
VREF-
1
I
ANA
ADC and Comparator voltage reference voltage (low) input.
C1IN+
1
I
DIG
Comparator C1 non-inverting input.
INT0
1
I
ST
External interrupt 0.
PGD
x
O
DIG
Serial execution data output for ICSP™.
x
I
ST
Serial execution data input for ICSP™.
RA1/AN1/C12IN0-/
VREF+/INT1/PGC
RA1
0
O
DIG
LATA<1> data output.
1
I
TTL
PORTA<1> data input; Programmable weak pull-up.
AN1
1
I
ANA
ADC channel 1.
C12IN0-
1
I
ANA
Comparator C1 and C2 non-inverting input channel 0.
VREF+
1
I
ANA
Comparator reference voltage (high) input ADC qual.
INT1
1
ST
External interrupt 1.
PGC
x
O
DIG
Serial execution clock output for ICSP™.
x
I
ST
Serial execution clock input for ICSP™.
RA2/AN2/C1OUT/
T0CKI/INT2/SRQ
RA2
0
O
DIG
LATA<2> data output.
1
I
TTL
PORTA<2> data input; Programmable weak pull-up.
AN2
1
I
ANA
ADC channel 2.
C1OUT
0
O
DIG
Comparator C1 output.
T0CKI
1
I
ST
Timer0 external clock input.
INT2
1
I
ST
External interrupt 2.
SRQ
0
O
DIG
SR latch output.
RA3/MCLR/VPP
RA3
—(1)
IST
PORTA<37> data input; Programmable weak pull-up.
MCLR
—I
ST
Active-low Master Clear with internal pull-up.
VPP
—I
ANA
High voltage programming input.
RA4/AN3/OSC2/
CLKOUT
RA4
0
O
DIG
LATA<4> data output.
1
I
TTL
PORTA<4> data input; Programmable weak pull-up.
AN3
1
IANA
A/D input channel 3.
OSC2
x
OANA
Main oscillator feedback output connection (XT, HS and LP modes).
CLKOUT
x
ODIG
System instruction cycle clock output.
RA5/OSC1/CLKIN/
T13CKI
RA5
0
O
DIG
LATA<5> data output.
1
I
TTL
PORTA<5> data input; Programmable weak pull-up.
OSC1
x
I
ANA
Main oscillator input connection.
CLKIN
x
I
ANA
Main clock input connection.
T13CKI
1
IST
Timer1 and Timer3 external clock input.
Legend:
DIG = Digital level output; TTL = TTL input buffer; ST = Schmitt Trigger input buffer; ANA = Analog level input/output;
x = Don’t care (TRIS bit does not affect port direction or is overridden for this option).
Note 1: RA3 does not have a corresponding TRISA bit. This pin is always an input regardless of mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com