Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F47J53-E/ML Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC18F47J53-E/ML
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
PDF  586 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F47J53-E/ML Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC18F47J53-E/ML Datasheet HTML 17Page - Microchip Technology PIC18F47J53-E/ML Datasheet HTML 18Page - Microchip Technology PIC18F47J53-E/ML Datasheet HTML 19Page - Microchip Technology PIC18F47J53-E/ML Datasheet HTML 20Page - Microchip Technology PIC18F47J53-E/ML Datasheet HTML 21Page - Microchip Technology PIC18F47J53-E/ML Datasheet HTML 22Page - Microchip Technology PIC18F47J53-E/ML Datasheet HTML 23Page - Microchip Technology PIC18F47J53-E/ML Datasheet HTML 24Page - Microchip Technology PIC18F47J53-E/ML Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 586 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39964B-page 21
PIC18F47J53 FAMILY
VSS1
8
5
P
—
Ground reference for logic and I/O pins.
VSS219
16
—
—
VDD
20
17
P
—
Positive supply for peripheral digital logic and I/O
pins.
VDDCORE/VCAP
VDDCORE
VCAP
63
—
P
P
—
—
—
Core logic power or external filter capacitor
connection.
Positive supply for microcontroller core logic
(regulator disabled).
External filter capacitor connection (regulator
enabled).
VUSB
14
11
P
—
USB voltage input pin.
TABLE 1-3:
PIC18F2XJ53 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
28-SPDIP/
SSOP/
SOIC
28-QFN
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)
DIG = Digital output
I2C™
= Open-Drain, I2C specific
Note 1:
RA7 and RA6 will be disabled if OSC1 and OSC2 are used for the clock function.
2:
5.5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com