Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F47J53-E/ML Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F47J53-E/ML
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
PDF  586 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F47J53-E/ML Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F47J53-E/ML Datasheet HTML 1Page - Microchip Technology PIC18F47J53-E/ML Datasheet HTML 2Page - Microchip Technology PIC18F47J53-E/ML Datasheet HTML 3Page - Microchip Technology PIC18F47J53-E/ML Datasheet HTML 4Page - Microchip Technology PIC18F47J53-E/ML Datasheet HTML 5Page - Microchip Technology PIC18F47J53-E/ML Datasheet HTML 6Page - Microchip Technology PIC18F47J53-E/ML Datasheet HTML 7Page - Microchip Technology PIC18F47J53-E/ML Datasheet HTML 8Page - Microchip Technology PIC18F47J53-E/ML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 586 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39964B-page 3
PIC18F47J53 FAMILY
Universal Serial Bus Features:
• USB V2.0 Compliant
• Low Speed (1.5 Mbps) and Full Speed (12 Mbps)
• Supports Control, Interrupt, Isochronous and Bulk
Transfers
• Supports up to 32 Endpoints (16 bidirectional)
• USB module can use any RAM Location on the
Device as USB Endpoint Buffers
• On-Chip USB Transceiver with Crystal-Less Operation
Power Management with nanoWatt XLP
• Deep Sleep mode: CPU off, Peripherals off, Currents
Down to 13 nA and 850 nA with RTCC
- Able to wake-up on external triggers,
programmable WDT or RTCC alarm
- Ultra Low-Power Wake-up (ULPWU)
• Sleep mode: CPU off, Peripherals off, SRAM on,
Fast Wake-up, Currents Down to 105 nA Typical
• Idle: CPU off, Peripherals on, Currents Down to
2.3
A Typical
• Run: CPU on, Peripherals on, Currents Down to
6.2
A Typical
• Timer1 Oscillator w/RTCC: 1 μA, 32 kHz Typical
• Watchdog Timer: 0.8 μA, 2V Typical
Special Microcontroller Features:
• 5.5V Tolerant Inputs (digital-only pins)
• Low-Power, High-Speed CMOS Flash Technology
• C Compiler Optimized Architecture for Re-Entrant Code
• Priority Levels for Interrupts
• Self-Programmable under Software Control
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• Single-Supply In-Circuit Serial Programming™
(ICSP™) via Two Pins
• In-Circuit Debug with Three Breakpoints via Two Pins
• Operating Voltage Range of 2.0V to 3.6V
• On-Chip 2.5V Regulator
• Flash Program Memory of 10,000 Erase/Write
Cycles Minimum and 20-Year Data Retention
Flexible Oscillator Structure:
• High-Precision PLL for USB
• Two External Clock modes, up to 48 MHz (12 MIPS)
• Internal, 31-kHz Oscillator
• High-Precision, Internal Oscillator for USB, 31 kHz to
8 MHz or 48 MHz w/PLL, ±.15% Typical, ±1% Max
• Secondary Oscillator using Timer1 at 32 kHz
• Fail-Safe Clock Monitor (FSCM):
- Allows for safe shutdown if any clock stops
• Programmable Reference Clock Output Generator
Peripheral Highlights:
• Peripheral Pin Select:
- Allows independent I/O mapping of many peripherals
- Continuous hardware integrity checking and safety
interlocks prevent unintentional configuration changes
• Hardware Real-Time Clock/Calendar (RTCC):
- Provides clock, calendar and alarm functions
• High-Current Sink/Source 25 mA/25mA
(PORTB and PORTC)
• Four Programmable External Interrupts
• Four Input Change Interrupts
• Three Enhanced Capture/Compare/PWM (ECCP) modules:
- One, two or four PWM outputs
- Selectable polarity
- Programmable dead time
- Auto-shutdown and auto-restart
- Pulse steering control
• Seven Capture/Compare/PWM (CCP) modules
• Two Master Synchronous Serial Port (MSSP)
modules Supporting Three-Wire SPI (all four modes)
and I2C™ Master and Slave modes
•
Eight-Bit Parallel Master Port/Enhanced Parallel
Slave Port
•
Three Analog Comparators with Input Multiplexing
•
10/12-Bit Analog-to-Digital (A/D) Converter
module:
-
Up to 13 input channels
-
Auto-acquisition capability
-
Conversion available during Sleep
•
High/Low-Voltage Detect module
•
Charge Time Measurement Unit (CTMU):
-
Supports capacitive touch sensing for touch
screens and capacitive switches
-
Provides precise resolution time measure-
ment for flow measurement and simple tem-
perature sensing
•
Two Enhanced USART modules:
-
Supports RS-485, RS-232 and LIN/J2602
-
Auto-wake-up on Start bit
-
Auto-Baud Detect (ABD)
28/44-Pin, High-Performance USB MCUs with nanoWatt XLP Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com