Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722-E/SP Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC16F722-E/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SP Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC16F722-E/SP Datasheet HTML 27Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 28Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 29Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 30Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 31Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 32Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 33Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 34Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 31
PIC16F72X/PIC16LF72X
2.5
Indirect Addressing, INDF and
FSR Registers
The INDF register is not a physical register. Addressing
the INDF register will cause indirect addressing.
Indirect addressing is possible by using the INDF
register. Any instruction using the INDF register
actually accesses data pointed to by the File Select
Register (FSR). Reading INDF itself indirectly will
produce 00h. Writing to the INDF register indirectly
results in a no operation (although Status bits may be
affected). An effective 9-bit address is obtained by
concatenating the 8-bit FSR register and the IRP bit of
the STATUS register, as shown in Figure 2-8.
A simple program to clear RAM location 020h-02Fh
using indirect addressing is shown in Example 2-2.
EXAMPLE 2-2:
INDIRECT ADDRESSING
FIGURE 2-8:
DIRECT/INDIRECT ADDRESSING
MOVLW
020h
;initialize pointer
MOVWF
FSR
;to RAM
BANKISEL
020h
NEXT CLRF
INDF
;clear INDF register
INCF
FSR
;inc pointer
BTFSS
FSR,4
;all done?
GOTO
NEXT
;no clear next
CONTINUE
;yes continue
Note:
For memory map detail, refer to Figures 2-4 and 2-5.
Data
Memory
Indirect Addressing
Direct Addressing
Bank Select
Location Select
RP1
RP0
6
0
From Opcode
IRP
File Select Register
7
0
Bank Select
Location Select
00
01
10
11
180h
1FFh
00h
7Fh
Bank 0
Bank 1
Bank 2
Bank 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com