Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722-E/SP Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC16F722-E/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SP Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC16F722-E/SP Datasheet HTML 47Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 48Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 49Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 50Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 51Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 52Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 53Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 54Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 51
PIC16F72X/PIC16LF72X
5.0
LOW DROPOUT (LDO)
VOLTAGE REGULATOR
The PIC16F72X devices differ from the PIC16LF72X
devices due to an internal Low Dropout (LDO) voltage
regulator. The PIC16F72X contain an internal LDO,
while the PIC16LF72X do not.
The lithography of the die allows a maximum operating
voltage of 3.6V on the internal digital logic. In order to
continue to support 5.0V designs, a LDO voltage
regulator is integrated on the die. The LDO voltage
regulator allows for the internal digital logic to operate
at 3.2V, while I/O’s operate at 5.0V (VDD).
The LDO voltage regulator requires an external bypass
capacitor for stability. One of three pins, denoted as
VCAP, can be configured for the external bypass
capacitor. It is recommended that the capacitor be a
ceramic cap between 0.1 to 1.0 µF. The VCAP pin is not
intended to supply power to external loads. An external
voltage regulator should be used if this functionality is
required. In addition, external devices should not
supply power to the VCAP pin.
On power-up, the external capacitor will look like a
large load on the LDO voltage regulator. To prevent
erroneous operation, the device is held in Reset while
a constant current source charges the external
capacitor. After the cap is fully charged, the device is
released from Reset. For more information, refer to
Section 23.0 “Electrical Specifications”.
See Configuration Word 2 register (Register 8-2) for
VCAP enable bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com