Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722-E/SP Datasheet(PDF) 42 Page - Microchip Technology

Part # PIC16F722-E/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SP Datasheet(HTML) 42 Page - Microchip Technology

Back Button PIC16F722-E/SP Datasheet HTML 38Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 39Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 40Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 41Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 42Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 43Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 44Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 45Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 42
© 2009 Microchip Technology Inc.
TABLE 3-5:
INITIALIZATION CONDITION FOR SPECIAL REGISTERS
TABLE 3-6:
SUMMARY OF REGISTERS ASSOCIATED WITH RESETS
Condition
Program
Counter
STATUS
Register
PCON
Register
Power-on Reset
0000h
0001 1xxx
---- --0x
MCLR Reset during normal operation
0000h
000u uuuu
---- --uu
MCLR Reset during Sleep
0000h
0001 0uuu
---- --uu
WDT Reset
0000h
0000 uuuu
---- --uu
WDT Wake-up
PC + 1
uuu0 0uuu
---- --uu
Brown-out Reset
0000h
0001 1xxx
---- --10
Interrupt Wake-up from Sleep
PC + 1(1)
uuu1 0uuu
---- --uu
Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’.
Note 1:
When the wake-up is due to an interrupt and Global Interrupt Enable bit, GIE, is set, the PC is loaded with
the interrupt vector (0004h) after execution of PC + 1.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets(1)
STATUS
IRP
RP1
RP0
TO
PD
Z
DC
C
0001 1xxx
000q quuu
PCON
—
—
—
—
—
—POR
BOR
---- --qq
---- --uu
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, reads as ‘0’, q = value depends on condition. Shaded cells are not
used by Resets.
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com