Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722-E/SP Datasheet(PDF) 158 Page - Microchip Technology

Part # PIC16F722-E/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SP Datasheet(HTML) 158 Page - Microchip Technology

Back Button PIC16F722-E/SP Datasheet HTML 154Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 155Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 156Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 157Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 158Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 159Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 160Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 161Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 158
© 2009 Microchip Technology Inc.
BAUD
RATE
SYNC = 0, BRGH = 1
FOSC = 8.000 MHz
FOSC = 4.000 MHz
FOSC = 3.6864 MHz
FOSC = 1.000 MHz
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
300
——
—
—
—
—
—
—
—
300
0.16
207
1200
—
—
—
1202
0.16
207
1200
0.00
191
1202
0.16
51
2400
2404
0.16
207
2404
0.16
103
2400
0.00
95
2404
0.16
25
9600
9615
0.16
51
9615
0.16
25
9600
0.00
23
—
—
—
10417
10417
0.00
47
10417
0.00
23
10473
0.53
21
10417
0.00
5
19.2k
19231
0.16
25
19.23k
0.16
12
19.2k
0.00
11
—
—
—
57.6k
55556
-3.55
8
—
—
—
57.60k
0.00
3
—
—
—
115.2k
—
—
—
—
—
—
115.2k
0.00
1
—
—
—
TABLE 16-5:
BAUD RATES FOR ASYNCHRONOUS MODES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com