Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722-E/SP Datasheet(PDF) 164 Page - Microchip Technology

Part # PIC16F722-E/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SP Datasheet(HTML) 164 Page - Microchip Technology

Back Button PIC16F722-E/SP Datasheet HTML 160Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 161Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 162Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 163Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 164Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 165Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 166Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 167Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 164
© 2009 Microchip Technology Inc.
16.3.2.3
AUSART Synchronous Slave
Reception
The operation of the Synchronous Master and Slave
modes is identical (Section 16.3.1.4 “Synchronous
Master Reception”), with the following exceptions:
• Sleep
• CREN bit is always set, therefore the receiver is
never Idle
• SREN bit, which is a “don’t care” in Slave mode
A character may be received while in Sleep mode by
setting the CREN bit prior to entering Sleep. Once the
word is received, the RSR register will transfer the data
to the RCREG register. If the RCIE interrupt enable bit
of the PIE1 register is set, the interrupt generated will
wake the device from Sleep and execute the next
instruction. If the GIE bit is also set, the program will
branch to the interrupt vector.
16.3.2.4
Synchronous Slave Reception Set-
up:
1.
Set the SYNC and SPEN bits and clear the
CSRC bit.
2.
If interrupts are desired, set the RCIE bit of the
PIE1 register and the GIE and PEIE bits of the
INTCON register.
3.
If 9-bit reception is desired, set the RX9 bit.
4.
Verify address detection is disabled by clearing
the ADDEN bit of the RCSTA register.
5.
Set the CREN bit to enable reception.
6.
The RCIF bit of the PIR1 register will be set
when reception is complete. An interrupt will be
generated if the RCIE bit of the PIE1 register
was set.
7.
If 9-bit mode is enabled, retrieve the Most
Significant bit from the RX9D bit of the RCSTA
register.
8.
Retrieve the 8 Least Significant bits from the
receive FIFO by reading the RCREG register.
9.
If an overrun error occurs, clear the error by
either clearing the CREN bit of the RCSTA
register.
TABLE 16-9:
REGISTERS ASSOCIATED WITH SYNCHRONOUS SLAVE RECEPTION
Name
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Value on
POR, BOR
Value on
all other
Resets
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000x
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
0000 0000
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
0000 0000
RCREG
AUSART Receive Data Register
0000 0000
0000 0000
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000X
0000 000X
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
1111 1111
1111 1111
TXSTA
CSRC
TX9
TXEN
SYNC
—
BRGH
TRMT
TX9D
0000 -010
0000 -010
Legend:
x
= unknown, - = unimplemented read as ‘0’. Shaded cells are not used for Synchronous Slave Reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com