Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722-E/SP Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC16F722-E/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SP Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC16F722-E/SP Datasheet HTML 183Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 184Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 185Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 186Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 187Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 188Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 189Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 190Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 187
PIC16F72X/PIC16LF72X
REGISTER 17-4:
SSPSTAT: SYNCHRONOUS SERIAL PORT STATUS REGISTER (I2C MODE)
R/W-0
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
SMP
CKE
D/A
PS
R/W
UA
BF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
SMP: SPI Data Input Sample Phase bit
1
= Slew Rate Control (limiting) disabled. Operating in I2C Standard Mode (100 kHz and 1 MHz).
0
= Slew Rate Control (limiting) enabled. Operating in I2C Fast Mode (400 kHz).
bit 6
CKE: SPI Clock Edge Select bit
This bit must be maintained clear. Used in SPI mode only.
bit 5
D/A: DATA/ADDRESS bit (I2C mode only)
1
= Indicates that the last byte received or transmitted was data
0
= Indicates that the last byte received or transmitted was address
bit 4
P: Stop bit
This bit is cleared when the SSP module is disabled, or when the Start bit is detected last.
1
= Indicates that a Stop bit has been detected last (this bit is ‘0’ on Reset)
0
= Stop bit was not detected last
bit 3
S: Start bit
This bit is cleared when the SSP module is disabled, or when the Stop bit is detected last.
1
= Indicates that a Start bit has been detected last (this bit is ‘0’ on Reset)
0
= Start bit was not detected last
bit 2
R/W: READ/WRITE bit Information
This bit holds the R/W bit information following the last address match. This bit is only valid from the address match
to the next Start bit, Stop bit or ACK bit.
1
= Read
0
= Write
bit 1
UA: Update Address bit (10-bit I2C mode only)
1
= Indicates that the user needs to update the address in the SSPADD register
0
= Address does not need to be updated
bit 0
BF: Buffer Full Status bit
Receive:
1
= Receive complete, SSPBUF is full
0
= Receive not complete, SSPBUF is empty
Transmit:
1
= Transmit in progress, SSPBUF is full
0
= Transmit complete, SSPBUF is empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com