Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA101-I/ML Datasheet(PDF) 217 Page - Microchip Technology

Part # PIC24F16KA101-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/ML Datasheet(HTML) 217 Page - Microchip Technology

Back Button PIC24F16KA101-I/ML Datasheet HTML 213Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 214Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 215Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 216Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 217Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 218Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 219Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 220Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 221Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 215
PIC24F16KA102 FAMILY
DC31
8
28
μA
-40°C
1.8V
LPRC (31 kHz)
DC31a
28
+25°C
DC31b
28
+60°C
DC31c
28
+85°C
DC31d
15
55
μA
-40°C
3.3V
DC31e
55
+25°C
DC31f
55
+60°C
DC31g
55
+85°C
TABLE 29-6:
DC CHARACTERISTICS: OPERATING CURRENT (IDD) (CONTINUED)
DC CHARACTERISTICS
Standard Operating Conditions: 1.8V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Parameter No.
Typical(1)
Max
Units
Conditions
IDD Current
Note 1:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
2:
Operating Parameters:
• EC mode with clock input driven with a square wave rail-to-rail
• I/O configured as outputs driven low
• MCLR – VDD
• WDT FSCM disabled
• SRAM, program and data memory active
• All PMD bits set except for modules being measured



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com