Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA101-I/ML Datasheet(PDF) 218 Page - Microchip Technology

Part # PIC24F16KA101-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/ML Datasheet(HTML) 218 Page - Microchip Technology

Back Button PIC24F16KA101-I/ML Datasheet HTML 214Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 215Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 216Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 217Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 218Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 219Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 220Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 221Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 222Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 216
Preliminary
© 2009 Microchip Technology Inc.
TABLE 29-7:
DC CHARACTERISTICS: IDLE CURRENT (IIDLE)
DC CHARACTERISTICS
Standard Operating Conditions: 1.8V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Param No.
Typical(1)
Max
Units
Conditions
Idle Current (IIDLE): Core Off, Clock on Base Current, PMD Bits are Set(2)
DC40
48
100
μA
-40°C
1.8V
0.5 MIPS,
FOSC = 1 MHz
DC40a
100
+25°C
DC40b
100
+60°C
DC40c
100
+85°C
DC40d
106
215
μA
-40°C
3.3V
DC40e
215
+25°C
DC40f
215
+60°C
DC40g
215
+85°C
DC42
94
200
μA
-40°C
1.8V
1 MIPS,
FOSC = 2 MHz
DC42a
200
+25°C
DC42b
200
+60°C
DC42c
200
+85°C
DC42d
160
395
μA
-40°C
3.3V
DC42e
395
+25°C
DC42f
395
+60°C
DC42g
395
+85°C
DC43
3.1
6.0
mA
-40°C
3.3V
16 MIPS,
FOSC = 32 MHz
DC43a
6.0
+25°C
DC43b
6.0
+60°C
DC43c
6.0
+85°C
DC44
0.56
0.74
mA
-40°C
1.8V
FRC (4 MIPS),
FOSC = 8 MHz
DC44a
0.74
+25°C
DC44b
0.74
+60°C
DC44c
0.74
+85°C
DC44d
0.95
1.50
mA
-40°C
3.3V
DC44e
1.50
+25°C
DC44f
1.50
+60°C
DC44g
1.50
+85°C
DC50
2
18
μA
-40°C
1.8V
LPRC (31 kHz)
DC50a
18
+25°C
DC50b
18
+60°C
DC50c
18
+85°C
DC50d
4
40
μA
-40°C
3.3V
DC50e
40
+25°C
DC50f
40
+60°C
DC50g
40
+85°C
Note 1:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance
only and are not tested.
2:
Operating Parameters:
• Core off
• EC mode with clock input driven with a square wave rail-to-rail
• I/O configured as outputs driven low
• MCLR – VDD
• WDT FSCM disabled
• SRAM, program and data memory active
• All PMD bits set except for modules being measured



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com