Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCS12 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 44Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 45Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 46Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 47Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 48Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 49Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 50Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 51Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
48
Freescale Semiconductor
cycle. If the first byte was odd-aligned, the optional fetch is executed as a
program fetch.
Two external pins, IPIPE[1:0], provide time-multiplexed information about
data movement in the queue and instruction execution. Decoding and use
of these signals is discussed in Section 8. Instruction Queue.
4.2.1 Original M68HC12 Queue Implementation
There are two 16-bit queue stages and one 16-bit buffer. Program
information is fetched in aligned 16-bit words. Unless buffering is required,
program information is first queued into stage 1, then advanced to stage 2
for execution.
At least two words of program information are available to the CPU when
execution begins. The first byte of object code is in either the even or odd
half of the word in stage 2, and at least two more bytes of object code are in
the queue.
The buffer is used when a program word arrives before the queue can
advance. This occurs during execution of single-byte and odd-aligned
instructions. For instance, the queue cannot advance after an aligned,
single-byte instruction is executed, because the first byte of the next
instruction is also in stage 2. In these cases, information is latched into the
buffer until the queue can advance.
4.2.2 HCS12 Queue Implementation
There are three 16-bit stages in the instruction queue. Instructions enter the
queue at stage 1 and shift out of stage 3 as the CPU executes instructions
and fetches new ones into stage 1. Each byte in the queue is selectable. An
opcode prediction algorithm determines the location of the next opcode in
the instruction queue.
4.3 Data Movement in the Queue
All queue operations are combinations of four basic queue movement
cycles. Descriptions of each of these cycles follows. Queue movement
cycles are only one factor in instruction execution time and should not be
confused with bus cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com